Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN5TP Datasheet(PDF) 10 Page - STMicroelectronics

Part # M50FLW040AN5TP
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN5TP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M50FLW040AN5TP Datasheet HTML 6Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 7Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 8Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 9Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 10Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 11Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 12Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 13Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
M50FLW040A, M50FLW040B
10/52
SIGNAL DESCRIPTIONS
There are two distinct bus interfaces available on
this device. The active interface is selected before
power-up, or during Reset, using the Interface
Configuration Pin, IC.
The signals for each interface are discussed in the
Firmware Hub/Low Pin Count (FWH/LPC) Signal
Descriptions section and the Address/Address
Multiplexed (A/A Mux) Signal Descriptions sec-
tion, respectively, while the supply signals are dis-
cussed in the Supply Signal Descriptions section.
Firmware Hub/Low Pin Count (FWH/LPC)
Signal Descriptions
Please see Figure 2. and Table 1..
Input/Output Communications (FWH0/LAD0-
FWH3/LAD3). All Input and Output Communica-
tions with the memory take place on these pins.
Addresses and Data for Bus Read and Bus Write
operations are encoded on these pins.
Input
Communication
Frame
(FWH4/
LFRAME). The
Input
Communication
Frame
(FWH4/LFRAME) signal indicates the start of a
bus operation. When Input Communication Frame
is Low, VIL, on the rising edge of the Clock, a new
bus operation is initiated. If Input Communication
Frame is Low, VIL, during a bus operation then the
operation is aborted. When Input Communication
Frame is High, VIH, the current bus operation is ei-
ther proceeding or the bus is idle.
Identification Inputs (ID0-ID3). Up to 16 memo-
ries can be addressed on a bus, in the Firmware
Hub (FWH) mode. The Identification Inputs allow
each device to be given a unique 4-bit address. A
‘0’ is signified on a pin by driving it Low, VIL, or
leaving it floating (since there is an internal pull-
down resistor, with a value of RIL). A ‘1’ is signified
on a pin by driving it High, VIH (and there will be a
leakage current of ILI2 through the pin).
By convention, the boot memory must have ad-
dress ‘0000’, and all additional memories are giv-
en addresses, allocated sequentially, from ‘0001’.
In the Low Pin Count (LPC) mode, the identifica-
tion Inputs (ID0-ID2) can address up to 8 memo-
ries on a bus. In the LPC mode, the ID3 pin is
Reserved for Future Use (RFU). The value on ad-
dress A19-A21 is compared to the hardware strap-
ping on the ID0-ID2 pins to select the memory that
is being addressed. For an address bit to be ‘1’,
the corresponding ID pin can be left floating or
driven Low, VIL (again, with the internal pull-down
resistor, with a value of RIL). For an address bit to
be ‘0’, the corresponding ID pin must be driven
High, VIH (and there will be a leakage current of
ILI2 through the pin, as specified in Table 24.). For
details, see Table 5..
General Purpose Inputs (GPI0-GPI4). The
General Purpose Inputs can be used as digital in-
puts for the CPU to read, with their contents being
available in the General Purpose Inputs Register.
The pins must have stable data throughout the en-
tire cycle that reads the General Purpose Input
Register. These pins should be driven Low, VIL, or
High, VIH, and must not be left floating.
Interface Configuration (IC). The Interface Con-
figuration input selects whether the FWH/LPC in-
terface or the Address/Address Multiplexed (A/A
Mux) Interface is used. The state of the Interface
Configuration, IC, should not be changed during
operation of the memory device, except for select-
ing the desired interface in the period before pow-
er-up or during a Reset.
To select the FWH/LPC Interface, the Interface
Configuration pin should be left to float or driven
Low, VIL. To select the Address/Address Multi-
plexed (A/A Mux) Interface, the pin should be driv-
en High, VIH. An internal pull-down resistor is
included with a value of RIL; there will be a leakage
current of ILI2 through each pin when pulled to VIH.
Interface Reset (RP). The Interface Reset (RP)
input is used to reset the device. When Interface
Reset (RP) is driven Low, VIL, the memory is in
Reset mode (the outputs go to high impedance,
and the current consumption is minimized). When
RP is driven High, VIH, the device is in normal op-
eration. After exiting Reset mode, the memory en-
ters Read mode.
CPU Reset (INIT). The CPU Reset, INIT, signal
is used to Reset the device when the CPU is reset.
It behaves identically to Interface Reset, RP, and
the internal Reset line is the logical OR (electrical
AND) of RP and INIT.
Clock (CLK). The Clock, CLK, input is used to
clock the signals in and out of the Input/Output
Communication Pins, FWH0/LAD0-FWH3/LAD3.
The Clock conforms to the PCI specification.
Top Block Lock (TBL). The Top Block Lock in-
put is used to prevent the Top Block (Block 7) from
being changed. When Top Block Lock, TBL, is
driven Low, VIL, program and erase operations in
the Top Block have no effect, regardless of the
state of the Lock Register. When Top Block Lock,
TBL, is driven High, VIH, the protection of the Block
is determined by the Lock Register. The state of
Top Block Lock, TBL, does not affect the protec-
tion of the Main Blocks (Blocks 0 to 6). For details,
see APPENDIX A..
Top Block Lock, TBL, must be set prior to a pro-
gram or erase operation being initiated, and must
not be changed until the operation has completed,
otherwise unpredictable results may occur. Simi-
larly, unpredictable behavior is possible if WP is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com