Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN5TP Datasheet(PDF) 12 Page - STMicroelectronics

Part # M50FLW040AN5TP
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN5TP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M50FLW040AN5TP Datasheet HTML 8Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 9Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 10Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 11Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 12Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 13Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 14Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 15Page - STMicroelectronics M50FLW040AN5TP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
M50FLW040A, M50FLW040B
12/52
Table 5. Memory Identification Input Configuration (LPC mode)
BUS OPERATIONS
The two interfaces, A/A Mux and FWH/LPC, sup-
port similar operations, but with different bus sig-
nals and timings. The Firmware Hub/Low Pin
Count (FWH/LPC) Interface offers full functional-
ity, while the Address/Address Multiplexed (A/A
Mux) Interface is orientated for erase and program
operations.
See the sections below, The Firmware Hub/Low
Pin Count (FWH/LPC) Bus Operations and Ad-
dress/Address Multiplexed (A/A Mux) Bus Opera-
tions, for details of the bus operations on each
interface.
Firmware Hub/Low Pin Count (FWH/LPC) Bus
Operations
The M50FLW040 automatically identifies the type
of FWH/LPC protocol from the first received nibble
(START nibble) and decodes the data that it re-
ceives afterwards, according to the chosen FWH
or LPC mode. The Firmware Hub/Low Pin Count
(FWH/LPC) Interface consists of four data signals
(FWH0/LAD0-FWH3/LAD3),
one
control
line
(FWH4/LFRAME) and a clock (CLK).
Protection against accidental or malicious data
corruption is achieved using two additional signals
(TBL and WP). And two reset signals (RP and
INIT) are available to put the memory into a known
state.
The data, control and clock signals are designed
to be compatible with PCI electrical specifications.
The interface operates with clock speeds of up to
33MHz.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Standby, Reset and Block Protection.
Bus Read. Bus Read operations are used to read
from the memory cells, specific registers in the
Command Interface or Firmware Hub/Low Pin
Count Registers. A valid Bus Read operation
starts on the rising edge of the Clock signal when
the
Input
Communication
Frame,
FWH4/
LFRAME, is Low, VIL, and the correct Start cycle
is present on FWH0/LAD0-FWH3/LAD3. On sub-
sequent clock cycles the Host will send to the
memory:
s
ID Select, Address and other control bits on
FWH0-FWH3 in FWH mode.
s
Type+Dir Address and other control bits on
LAD0-LAD3 in LPC mode.
The device responds by outputting Sync data until
the wait states have elapsed, followed by Data0-
Data3 and Data4-Data7.
See Table 6. and Table 8., and Figure 7. and Fig-
ure 9., for a description of the Field definitions for
each clock cycle of the transfer. See Table 26.,
and Figure 15., for details on the timings of the sig-
nals.
Bus Write. Bus Write operations are used to write
to the Command Interface or Firmware Hub/Low
Pin Count Registers. A valid Bus Write operation
starts on the rising edge of the Clock signal when
Input Communication Frame, FWH4/LFRAME, is
Low, VIL, and the correct Start cycle is present on
FWH0/LAD0-FWH3/LAD3. On subsequent Clock
cycles the Host will send to the memory:
s
ID Select, Address, other control bits, Data0-
Data3 and Data4-Data7 on FWH0-FWH3 in
FWH mode.
s
Cycle Type + Dir, Address, other control bits,
Data0-Data3 and Data4-Data7 on LAD0-
LAD3.
The device responds by outputting Sync data until
the wait states have elapsed.
Memory Number
ID2
ID1
ID0
A21
A20
A19
1 (Boot memory)
VIL or float
VIL or float
VIL or float
11
1
2
VIL or float
VIL or float
VIH
11
0
3
VIL or float
VIH
VIL or float
10
1
4
VIL or float
VIH
VIH
10
0
5
VIH
VIL or float
VIL or float
01
1
6
VIH
VIL or float
VIH
01
0
7
VIH
VIH
VIL or float
00
1
8
VIH
VIH
VIH
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com