Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN1TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M50FLW040AN1TP
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN1TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M50FLW040AN1TP Datasheet HTML 22Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 23Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 24Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 25Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 26Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 27Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 28Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 29Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
M50FLW040A, M50FLW040B
26/52
PROGRAM AND ERASE TIMES
The Program and Erase times are shown in Table
18..
Table 18. Program and Erase Times
Note: 1. TA = 25°C, VCC = 3.3V
2. Sampled only, not 100% tested.
3. Time to program two Bytes.
4. Time to program four Bytes.
5. Time obtained executing the Quadruple Byte Program command.
Parameter
Interface
Test Condition
Min
Typ(1)
Max
Unit
Byte Program
10
200
µs
Double Byte Program
FWH
VPP = 12V ± 5%
10(3)
200
µs
Quadruple Byte Program
A/A Multiplexed
FWH
VPP = 12V ± 5%
10(4)
200
µs
Block Program
VPP = 12V ± 5%
0.1(5)
5
s
VPP = VCC
0.4
5
Sector Erase (4 KBytes)(2)
VPP = 12V ± 5%
0.4
4
s
VPP = VCC
0.5
5
Block Erase (64 KBytes)
VPP = 12V ± 5%
0.75
8
s
VPP = VCC
110
Chip Erase
A/A Multiplexed
VPP = 12V ± 5%
5s
Program/Erase Suspend to Program pause(2)
5
µs
Program/Erase Suspend to Block Erase/
Sector Erase pause(2)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com