Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN1TP Datasheet(PDF) 43 Page - STMicroelectronics

Part # M50FLW040AN1TP
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN1TP Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M50FLW040AN1TP Datasheet HTML 39Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 40Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 41Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 42Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 43Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 44Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 45Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 46Page - STMicroelectronics M50FLW040AN1TP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43/52
M50FLW040A, M50FLW040B
Note: In LPC mode, a most significant nibble, F, must be added to
the memory address. For all registers, A22=0, and the re-
maining address bits should be set according to the rules
shown in the ADDR field of Table 6. to Table 9..
64
1F000h-
1FFFFh
1
(Main)
431
FB90002
1E000h-
1EFFFh
430
1D000h-
1DFFFh
429
1C000h-
1CFFFh
428
1B000h-
1BFFFh
427
1A000h-
1AFFFh
426
19000h-
19FFFh
425
18000h-
18FFFh
424
17000h-
17FFFh
423
16000h-
16FFFh
422
15000h-
15FFFh
421
14000h-
14FFFh
420
13000h-
13FFFh
419
12000h-
12FFFh
418
11000h-
11FFFh
417
10000h-
10FFFh
416
Block
Size
(KByte)
Address
Range
Block
No and
Type
Sector
Size
(KByte)
Sector
No
Register
Address
64
0F000h-
0FFFFh
0
(Main)
415
FB80002
0E000h-
0EFFFh
414
0D000h-
0DFFFh
413
0C000h-
0CFFFh
412
0B000h-
0BFFFh
411
0A000h-
0AFFFh
410
09000h-
09FFFh
49
08000h-
08FFFh
48
07000h-
07FFFh
47
06000h-
06FFFh
46
05000h-
05FFFh
45
04000h-
04FFFh
44
03000h-
03FFFh
43
02000h-
02FFFh
42
01000h-
01FFFh
41
00000h-
00FFFh
40
Block
Size
(KByte)
Address
Range
Block
No and
Type
Sector
Size
(KByte)
Sector
No
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com