Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V39-E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6V39-E/ST
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V39-E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6V39-E/ST Datasheet HTML 6Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 7Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 8Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 9Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 10Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 11Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 12Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 13Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP6V36/6U/7/9
DS20006209A-page 10
 2019 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
2.2
Other DC Voltages and Currents
FIGURE 2-15:
Input Common-Mode
Voltage Headroom (Range) vs. Ambient
Temperature.
FIGURE 2-16:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-17:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-18:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-19:
Supply Current vs. Power
Supply Voltage.
FIGURE 2-20:
Power-on Reset Voltage vs.
Ambient Temperature.
03
0.4
1 Wafer Lot
0.2
0.3
Upper ( V
CMH –VDD)
00
0.1
-0.1
0.0
-0.2
Lower (V
CML –VSS)
-0.4
-0.3
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
1000
V
DD – VOH
100
V
DD
V
OH
V
DD = 5.5V
V
OL –VSS
10
V
DD = 1.8V
10
1
0.1
1
10
Output Current Magnitude (mA)
4
5
6
7
8
9
10
11
12
V
DD –VOH
V
DD = 5.5V
V
OL –VSS
R
L = 25 k
0
1
2
3
4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 1.8V
-10
0
10
20
30
40
-40°C
+25°C
+85°C
+125°C
-40
-30
-20
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
15
20
25
30
35
Representative Part
0
5
10
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com