Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4716 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 58Page - Microchip Technology MCP4716 Datasheet HTML 59Page - Microchip Technology MCP4716 Datasheet HTML 60Page - Microchip Technology MCP4716 Datasheet HTML 61Page - Microchip Technology MCP4716 Datasheet HTML 62Page - Microchip Technology MCP4716 Datasheet HTML 63Page - Microchip Technology MCP4716 Datasheet HTML 64Page - Microchip Technology MCP4716 Datasheet HTML 65Page - Microchip Technology MCP4716 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
MCP47A1
DS25154A-page 62
 2012 Microchip Technology Inc.
APPENDIX B: TERMINOLOGY
B.1
Resolution
The resolution is the number of DAC output states that
divide the full-scale range. For the 6-bit DAC, the
resolution is 26, meaning the DAC code ranges from 0
to 64.
B.2
Least Significant Bit (LSb)
Normally, this is thought of as the ideal voltage
difference between two successive codes. This bit has
the smallest value or weight of all bits in the register.
For a given output voltage range, which is typically the
voltage between the Full-Scale voltage and the Zero-
Scale voltage (VOUT(FS) - VOUT(ZS)), it is divided by the
resolution of the device (Equation B-1).
EQUATION B-1:
LSb VOLTAGE
CALCULATION
B.3
Monotonic Operation
Monotonic operation means that the device’s output
voltage (VOUT) increases with every one code step
(LSb) change (from terminal B to terminal A). The VOUT
voltage (VW voltage) is the sum of all the Step voltages
plus the voltage at Zero-Scale (VZS). The Zero-Scale
voltage is dependent on the resistance between the tap
0 point and the B Terminal.
FIGURE B-1:
VW (VOUT).
B.4
Full-Scale Error (FSE)
The Full-Scale Error (FSE) is the difference between
the ideal and measured DAC output voltage with the
Wiper’s position set to its maximum (Wiper code =
40h); see Figure B-3. Full-scale error may also be
thought of as the sum of the offset error plus gain error.
See
Figure 2-9
through
Figure 2-12
for
FSE
characterization graphs.
EQUATION B-2:
FULL SCALE ERROR
B.5
Zero-Scale Error (ZSE)
The Zero-Scale Error (ZSE) is the difference between
the ideal and measured VOUT voltage with the Wiper
position set to its minimum (Wiper code = 00h); see
Figure B-3. The Zero-Scale Error is the same as the
Offset Error for this case (Wiper code = 00h).
Equation B-3 shows how to calculate the zero scale
error.
See
Figure 2-13
through
Figure 2-16
for
ZSE
characterization graphs.
EQUATION B-3:
ZERO SCALE ERROR
VLSb =
VOUT(FS) - VOUT(ZS)
2N
2N = 64 (MCP47A1)
0x40
0x3F
0x3E
0x03
0x02
0x01
0x00
Voltage (VW ~= VOUT)
VW
(@ tap)
VS0
VS1
VS3
VS63
VS64
VW =
VSn + VZS(@ Tap 0)
n = 0
n = ?
FSE =
VIDEAL(@FS) - VOUT(@FS)
VLSb
Where:
FSE is expressed in LSb
VOUT(@FS) is the VOUT voltage when the DAC
register code is at Full-scale.
VIDEAL(@FS) is the ideal output voltage when the
DAC register code is at Full-scale.
VLSb is the delta voltage of one DAC register code
step (such as code 20h to code 21h).
ZSE =
VOUT(@ZS)
VLSb
Where:
FSE is expressed in LSb
VOUT(@ZS) is the VOUT voltage when the DAC
register code is at Zero-scale.
VLSb is the delta voltage of one DAC register code
step (such as code 20h to code 21h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com