Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4725 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 37Page - Microchip Technology MCP4725 Datasheet HTML 38Page - Microchip Technology MCP4725 Datasheet HTML 39Page - Microchip Technology MCP4725 Datasheet HTML 40Page - Microchip Technology MCP4725 Datasheet HTML 41Page - Microchip Technology MCP4725 Datasheet HTML 42Page - Microchip Technology MCP4725 Datasheet HTML 43Page - Microchip Technology MCP4725 Datasheet HTML 44Page - Microchip Technology MCP4725 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 41
MCP47A1
7.0
OUTPUT BUFFER
As the device powers up, the VOUT pin will float to an
unknown value. When the device’s VDD is above the
transistor threshold voltage of the device, the output
will start being pulled low. After the VDD is above the
POR/BOR trip point (VBOR/VPOR), the resistor net-
work’s wiper will be loaded with the POR value (20h,
which is midscale). The output voltage of the buffer
(VOUT) may not be within specification until the device
VDD is at 2.7V. The outputs’ slew rate and settling time
must also be taken into account.
7.1
Output Buffer / VOUT Operation
The DAC output is buffered with a low power and
precision output amplifier (op amp). This amplifier
provides a rail-to-rail output with low offset voltage and
low noise. The amplifier’s output can drive the resistive
and capacitive loads without oscillation. The amplifier
provides a maximum load current which is enough for
most programmable voltage reference applications.
Figure 7-1 shows a block diagram.
FIGURE 7-1:
Output Buffer Block
Diagram.
7.1.1
OUTPUT VOLTAGE
The volatile DAC Register’s value controls the analog
VOUT voltage. The volatile Wiper Register’s value is
unsigned binary. The formula for the output voltage is
given in Equation 7-1.
EQUATION 7-1:
CALCULATING OUTPUT
VOLTAGE (VOUT)
The Serial Shift Register’s value will be latched on the
falling edge of the acknowledge pulse of the write
command’s last byte. Then the VOUT voltage will start
driving to the new value.
The following events update the analog voltage output
(VOUT):
• Power-On-Reset.
• Falling edge of the acknowledge pulse of the last
write command byte.
7.1.2
STEP VOLTAGE (VS)
The Step voltage is dependent on the device resolution
(64 RS) and the output voltage range (VZS to VFS).
Equation 7-2 shows the calculation for the step resis-
tance.
EQUATION 7-2:
VS CALCULATION
Table 7-1 shows the calculated VOUT voltages for the
given volatile Wiper Register value. These calculations
are based on different VREF voltage values (1.5V, 3.3V,
and 5.0V) with an assumption that RFS = RZS = 0 .
Note 1: The load resistance must stay higher than
5k
 for the stable and expected analog
output (to meet electrical specifications).
Refer to:
•
Section 1.0 “Electrical Charac-
teristics” for the specifications of
the output amplifier.
•
Section 7.3 “Driving Resistive
and Capacitive Loads” for addi-
tional design information.
VOUT
Op
Amp
Gain =1x
VW
N = wiper code = 0 to 64;
VOUT = VZS + (N * VS)
VZS is the VOUT voltage when the wiper code = 00h.
VZS = 0V
When RFS = RZS = 0 :
VFS = VREF
VS =
(VFS - VZS)
64
VFS is the VOUT voltage when the wiper code is at
full-scale.
VZS is the VOUT voltage when the wiper code is at
zero-scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com