Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4725 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP4725
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 59Page - Microchip Technology MCP4725 Datasheet HTML 60Page - Microchip Technology MCP4725 Datasheet HTML 61Page - Microchip Technology MCP4725 Datasheet HTML 62Page - Microchip Technology MCP4725 Datasheet HTML 63Page - Microchip Technology MCP4725 Datasheet HTML 64Page - Microchip Technology MCP4725 Datasheet HTML 65Page - Microchip Technology MCP4725 Datasheet HTML 66Page - Microchip Technology MCP4725 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 63
MCP47A1
B.6
Total Unadjusted Error
The Total Unadjusted Error is the difference between
the ideal and measured VOUT voltage. Typically,
calibration of the output voltage is implemented to
improve system performance.
Total Unadjusted Error can be calculated, see
Equation B-4.
EQUATION B-4:
TOTAL UNADJUSTED
ERROR (LSb)
See
Figure 2-17
through
Figure 2-20
for
Total
Unadjusted Error characterization graphs.
B.7
Offset Error
The Offset error (see Figure B-2) is the deviation from
zero voltage output when the volatile DAC Register
value = 00h (zero scale voltage). This error affects all
codes by the same amount. The offset error can be
calibrated by software in application circuits.
FIGURE B-2:
OFFSET ERROR.
B.8
Offset Error Drift
The Offset error drift is the variation in offset error due
to a change in ambient temperature. The offset error
drift is typically expressed in ppm/oC.
B.9
Gain Error
The Gain error (see Figure B-3) is the difference
between the actual full-scale output voltage, from the
ideal output voltage of the DAC transfer curve. The
gain error is calculated after nullifying the offset error,
or full scale error minus the offset error.
The gain error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. The gain error is usually expressed as percent
of full-scale range (% of FSR) or in LSb. The gain error
is not calibrated at the factory and most of the gain error
is contributed by the output buffer (op amp) saturation.
FIGURE B-3:
GAIN ERROR AND FULL-
SCALE ERROR EXAMPLE.
B.10
Gain Error Drift
The Gain error drift is the variation in gain error due to
a change in ambient temperature. The gain error drift is
typically expressed in ppm/oC.
ErrorLSb =
VIDEAL - VMEASURED
VLSb
Where:
VREF is the voltage on the VREF pin.
VMEASURED is the VOUT voltage for the same DAC
register code as VIDEAL is calculated.
VIDEAL =
* DAC Code
VREF
64
VLSb =
VREF
64
Analog
Output
Ideal Transfer Function
Actual Transfer Function
DAC Input Code
0
Offset
Error
(ZSE)
Analog
Output
Actual Transfer Function
Actual Transfer Function
DAC Input Code
0
Gain Error
Ideal Transfer Function
after Offset Error is removed
Full-Scale
Error
Zero-Scale
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com