Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1673CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1673CS8
Description  2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1673CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1673CS8 Datasheet HTML 4Page - Linear Technology LT1673CS8 Datasheet HTML 5Page - Linear Technology LT1673CS8 Datasheet HTML 6Page - Linear Technology LT1673CS8 Datasheet HTML 7Page - Linear Technology LT1673CS8 Datasheet HTML 8Page - Linear Technology LT1673CS8 Datasheet HTML 9Page - Linear Technology LT1673CS8 Datasheet HTML 10Page - Linear Technology LT1673CS8 Datasheet HTML 11Page - Linear Technology LT1673CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1672/LT1673/LT1674
and (VCC – 0.8V), Q1 and Q2 are active. When the input
common mode exceeds (VCC – 0.8V), Q7 turns on,
diverting the current from diff amp Q1-Q2 to current
mirror Q8-Q9. The current from Q8 biases on the other
diff amp consisting of PNP’s Q5-Q6 and NPN’s Q3-Q4.
Though Q5-Q6 are driven from the emitters rather than
the base, the basic diff amp action is the same. When the
common mode voltage is between (VCC – 0.8V) and VCC,
devices Q3 and Q4 act as followers, forming a buffer
between the amplifier inputs and the emitters of the Q5-
Q6. If the common mode voltage is taken above VCC,
Schottky diodes D1 and D2 reverse bias and devices Q3
and Q4 then act as diodes. The diff amp formed by Q5-Q6
operates normally, however, the input bias current in-
creases to the emitter current of Q5-Q6, which is typically
180nA. The graph, Input Bias Current vs Common Mode
Voltage found in the Typical Performance Characteristics
section, shows these transitions at three temperatures.
The collector currents of the two-input pairs are combined
in the second stage consisting of Q11 to Q16, which
furnishes most of the voltage gain. Capacitor C1 sets the
amplifier bandwidth. The output stage is configured for
maximum swing by the use of common emitter output
devices Q21 and Q22. Diodes D4 to D6 and current source
Q15 set the output quiescent current.
Figure 3. Simplified Schematic
1672/3/4 F03
Q6
Q4
Q16
Q17
(V +) – 0.8V
Q19
Q18
Q22
C1
D1
D2
D3
Q3
Q11
Q2
Q7
IN –
IN+
Q10
Q13
Q20
Q21
OUT
Q12
Q14
Q15
Q5
Q8
R1
R2
I2
+
I1
D6
D5
D4
D7
Q9
Q1
APPLICATIO S I FOR ATIO
The device will not be damaged if the inputs are taken lower
than 300mV below the negative supply as long as the cur-
rent out of the pin is limited to less than 10mA. However,
the output phase is not guaranteed and the supply current
will increase.
Output
The graph, Capacitive Load Handling, shows amplifier sta-
bility with the output biased at half supply. If the output is
to be operated within about 100mV of the positive rail, the
allowable load capacitance is less. With this output volt-
age, the worst case occurs at AV = 5 and light loads, where
the load capacitance should be less than 500pF with a 5V
supply and less than 100pF with a 30V supply.
Rail-to-Rail Operation
The simplified schematic, Figure 3, details the circuit
design approach of the LT1672/LT1673/LT1674. The
amplifier topology is a three-stage design consisting of a
rail-to-rail input stage, that continues to operate with the
inputs above the positive rail, a folded cascode second
stage that develops most of the voltage gain, and a rail-to-
rail common emitter stage that provides the current gain.
The input stage is formed by two diff amps Q1-Q2 and Q3-
Q6. For signals with a common mode voltage between VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com