Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1673CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1673CS8
Description  2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1673CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1673CS8 Datasheet HTML 4Page - Linear Technology LT1673CS8 Datasheet HTML 5Page - Linear Technology LT1673CS8 Datasheet HTML 6Page - Linear Technology LT1673CS8 Datasheet HTML 7Page - Linear Technology LT1673CS8 Datasheet HTML 8Page - Linear Technology LT1673CS8 Datasheet HTML 9Page - Linear Technology LT1673CS8 Datasheet HTML 10Page - Linear Technology LT1673CS8 Datasheet HTML 11Page - Linear Technology LT1673CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1672/LT1673/LT1674
Dimensions in inches (millimeters) unless otherwise noted.
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
PACKAGE DESCRIPTIO
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
Battery Current Monitor
TYPICAL APPLICATIO S
N8 1098
0.100
(2.54)
BSC
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
Over-the-Top Comparator with Hysteresis
–
+
1672/3/4 TA04
RSENSE
0.1
Ω
IL
CHARGE
RA
2N3904
VO = IL
RSENSE
FOR RA = 10k, RB = 100k (RB/RA ≥5)
= 1V/A
CHARGE
OUT
DISCHARGE
OUT
DISCHARGE
2N3904
RA
RA
RA
RB
RB
RA
VO
IL
RB
A1
1/2 LT1673
5V
12V
A2
1/2 LT1673
()
–
+
LT1672
IN1
(0V TO 12V)
IN2
(0V TO 12V)
2N5087
2N5210
1672/3/4 TA03
1M
VOUT
1M
VCC
100
1M
10k
HYSTERESIS =
10k
1M
5V (VCC)
IS < 10µA
MSOP (MS8) 1100
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.021
± 0.006
(0.53
± 0.015)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.043
(1.10)
MAX
0.009 – 0.015
(0.22 – 0.38)
0.005
± 0.002
(0.13
± 0.05)
0.034
(0.86)
REF
0.0256
(0.65)
BSC
12
3
4
0.193
± 0.006
(4.90
± 0.15)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.102)
0.118
± 0.004**
(3.00
± 0.102)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com