Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC394LP4 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC394LP4 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC394LP4 Datasheet HTML 2Page - Analog Devices HMC394LP4 Datasheet HTML 3Page - Analog Devices HMC394LP4 Datasheet HTML 4Page - Analog Devices HMC394LP4 Datasheet HTML 5Page - Analog Devices HMC394LP4 Datasheet HTML 6Page - Analog Devices HMC394LP4 Datasheet HTML 7Page - Analog Devices HMC394LP4 Datasheet HTML 8Page - Analog Devices HMC394LP4 Datasheet HTML 9Page - Analog Devices HMC394LP4 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 7
The circuit board used in the application should use RF circuit design techniques. Signal lines should have 50
Ohm impedance while the package ground leads and backside ground slug should be connected directly to
the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
Evaluation PCB
List of Materials for
Evaluation PCB 104898 [1]
Note: The evaluation PCB for the HMC394LP4 contains
10K Ohm pull up resistors for each of the five control inputs
A0 through A4. Programming the 31 distinct division ratios
consists of installing or removing jumpers S1 through S5, as
shown above. Jumper S6 must always be installed to provide
ground to pin 20.
HMC394LP4 Evaluation
PCB Truth Table
Function
S1
S2
S3
S4
S5
Output Low
0
0
0
0
0
/ 2
1
0
0
0
0
/ 3
0
1
0
0
0
/ 4
1
1
0
0
0
-
-
-
-
-
-
/ 32
1
1
1
1
1
Note: 0 = Jumper Installed.
1 = Jumper Not Installed.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
C1 - C2 [2]
1.0 µF Tantalum Capacitor
C3 - C4 [2]
.01 µF Capacitor, 0603 Pkg.
C5 - C8
1000 pF Capacitor, 0603 Pkg.
R1*
Resistor SIP 10 K ohm
S1 - S6
Jumper (shunt) 2mm
U1
HMC394LP4 / HMC394LP4E
5-Bit Counter
PCB
104435 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Optional components.
HMC394LP4 / 394LP4E
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v09.0114
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com