Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC394LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC394LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC394LP4 Datasheet HTML 1Page - Analog Devices HMC394LP4 Datasheet HTML 2Page - Analog Devices HMC394LP4 Datasheet HTML 3Page - Analog Devices HMC394LP4 Datasheet HTML 4Page - Analog Devices HMC394LP4 Datasheet HTML 5Page - Analog Devices HMC394LP4 Datasheet HTML 6Page - Analog Devices HMC394LP4 Datasheet HTML 7Page - Analog Devices HMC394LP4 Datasheet HTML 8Page - Analog Devices HMC394LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 1
HMC394LP4 / 394LP4E
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v09.0114
General Description
Features
Functional Diagram
The HMC394LP4 & HMC394LP4E are low noise
GaAs HBT programmable 5-bit counters in 4 x
4mm leadless surface mount packages. This device
allows continuous division from N= 2 to 32 at input
frequencies up to 2.2 GHz. The output voltage swing is
800 mV with a duty cycle inversely proportional to N.
The low additive SSB phase noise of -153 dBc/Hz at
100 KHz offset makes this counter an excellent choice
for low noise synthesizer applications.
SSB Phase Noise: -153 dBc/Hz @ 100 kHz
Selectable Division from 2 to 32
Parallel 5-Bit Control
Wide Input Power Range: -20 to +10 dBm
24 Lead 4x4mm QFN Package: 9 mm²
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= 5V
Typical Applications
Programmable divider for offset synthesizer
and variable divide by N applications:
• Satellite Communication Systems
• Point-to-Point and Point-to-Multi-Point Radios
• LMDS
• SONET
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
2.2
GHz
Minimum Input Frequency
Sine Wave Input [1]
0.1
GHz
Input Power Range
Fin = 0.1 to 2.2 GHz
-15
>-20
+10
dBm
Output Power
Divide-by-2
4
dBm
SSB Phase Noise
Fin = 1 GHz, N = 4
-153
dBc/Hz
Output Transition Time
100
ps
Supply Current (Icc)
194
mA
1. Divider will operate down to DC for square-wave input signal.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC394LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC394LP4 HITTITE-HMC394LP4 Datasheet
317Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4 Datasheet
353Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4 Datasheet
457Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4E HITTITE-HMC394LP4E Datasheet
353Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4_07 Datasheet
457Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
More results

Similar Description - HMC394LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC394LP4 HITTITE-HMC394LP4 Datasheet
317Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
logo
List of Unclassifed Man...
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-3 STANFORD-SCA-3 Datasheet
556Kb / 6P
DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC394LP4 HITTITE-HMC394LP4_07 Datasheet
457Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC394LP4 HITTITE-HMC394LP4_08 Datasheet
353Kb / 10P
GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com