Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47DV Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # 47DV
Description  Digital Panel Meters 47 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DV Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button 47DV Datasheet HTML 4Page - M-System Co.,Ltd. 47DV Datasheet HTML 5Page - M-System Co.,Ltd. 47DV Datasheet HTML 6Page - M-System Co.,Ltd. 47DV Datasheet HTML 7Page - M-System Co.,Ltd. 47DV Datasheet HTML 8Page - M-System Co.,Ltd. 47DV Datasheet HTML 9Page - M-System Co.,Ltd. 47DV Datasheet HTML 10Page - M-System Co.,Ltd. 47DV Datasheet HTML 11Page - M-System Co.,Ltd. 47DV Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MODEL: 47DV
47DV SPECIFICATIONS
ES-9501 Rev.17 Page 8/13
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
■ REAR TERMINAL ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TERMINAL A
TERMINAL C
TERMINAL B
TERMINAL D
1B
1A
25B
25A
11
13
12
14 15
16
+12V Sensor Excitation
Isolate between the sensor output and the excitation supply.
+24V Two-wire Transmitter Excitation
For use with a smart transmitter (e.g. HART), choose ‘DC voltage input’
and ‘two-wire transmitter excitation’ when ordering, and then connect
as shown below.
Non-smart transmitters are also usable.
Unless the sensor output does not force minus direction
such as 0 to 5 V or 4 to 20 mA, the configuration as shown
below is possible. It is not available except measurement
range 1 to 5 V, ±5 V, 4 to 20 mA or 0 to 20 mA.
*1. Resistor module (model: REM2-250) is provided separately.
Attach the REM2 to the terminals 3 – 4 as shown below.
• Excitation Supply Connection Examples
TERMINAL A : BASIC
3
4
6
5
2
3
4
6
5
1
250Ω
4 – 20mA DC
sensor output
sensor excitation
Smart Transmitter
or
Two-wire Transmitter
Sensor
3
4
6
5
sensor output
sensor excitation
Sensor
resistor*1
9
10
POWER
U(+)
V(–)
Digital
Computation
Excitation
Supply
Infrared
Interface
Display /
Setting
A/D
Converter
1
4
3
2
6
5
DC OUTPUT
+12V
7
8
+
–
+
+
+
–
V1/I1
V2/I2
V3/I3
COM
V3
COM
+
–
+
+
+
–
V1/I1
V2/I2
V3/I3
COM
+
–
+12V
+
–
V3/I3
COM
+
–
INPUT
1 – 5V
+
–
+24V
+
–
Isolation
Output
Driver
INPUT
EXCITATION
+
COM
+
–
+
–
+
–
Note: The section enclosed by broken line is only with DC output option.
• Input Terminal Assignments
MEASURING
RANGE
TYPE ID
INPUT
TERMINALS
4 – 20mA
0 – 20mA
±200mA
±20mA
3 – 4
3 – 4
2 – 4
1 – 4
1 – 5V
MEASURING
RANGE
TYPE ID
INPUT
TERMINALS
±5V
±200V
±20V
3 – 4
3 – 4
2 – 4
1 – 4
12 max
3 max
4 min
3.2 dia.
1
2
3
4
5
11
12
13
14
15
REM2
Recommended ring tongue terminal
R1.25-3
Terminals with insulation sleeve do not fit.
Applicable wire wize 0.3 to 1.25 mm2
INPUT CODE: 1
INPUT CODE: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com