Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47DV Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # 47DV
Description  Digital Panel Meters 47 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DV Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button 47DV Datasheet HTML 5Page - M-System Co.,Ltd. 47DV Datasheet HTML 6Page - M-System Co.,Ltd. 47DV Datasheet HTML 7Page - M-System Co.,Ltd. 47DV Datasheet HTML 8Page - M-System Co.,Ltd. 47DV Datasheet HTML 9Page - M-System Co.,Ltd. 47DV Datasheet HTML 10Page - M-System Co.,Ltd. 47DV Datasheet HTML 11Page - M-System Co.,Ltd. 47DV Datasheet HTML 12Page - M-System Co.,Ltd. 47DV Datasheet HTML 13Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MODEL: 47DV
47DV SPECIFICATIONS
ES-9501 Rev.17 Page 11/13
https://www.m-system.co.jp/
TIMING
S-TMR
HOLD
RESET
ZERO
: 11
: 12
: 13
: 14
: 15
+6 V
2 kΩ
1.5 kΩ
16
COM
dry
contact
NPN
open
collector
■ TERMINAL D
• Alarm Output : Photo MOSFET Relay N.O. contact, 4 points
13
11
12
Digital
Computation
Ry
16
14
15
Ry
Ry
Ry
Lc, LLc
LLa
La
Hc, HHc
Ha
HHa
LL OUTPUT
L OUTPUT
H OUTPUT
HH OUTPUT
• Event Trigger Input
Digital
Computation
COM
ZERO
RESET
HOLD
S-TMR
TIMING
13
11
12
16
14
15
Isolation
Digital
Computation
Connection Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com