Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6025 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # 2SC6025
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6025 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button 2SC6025 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 9Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 10Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 11Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 12Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 13Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 14Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2SC6025
No.8144-13/15
S Parameters (Common emitter)
VCE=3V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.638
--32.3
22.950
142.4
0.019
80.4
0.813
--26.1
400
0.465
--59.0
17.658
117.7
0.036
80.4
0.637
--41.5
600
0.349
--77.2
12.983
103.5
0.051
80.9
0.512
--49.9
800
0.278
--90.7
10.012
94.9
0.067
80.4
0.429
--55.0
1000
0.234
--102.0
8.091
89.0
0.083
79.4
0.374
--58.5
1200
0.204
--111.9
6.783
84.3
0.099
78.4
0.334
--61.3
1400
0.183
--121.5
5.841
80.3
0.116
77.4
0.305
--63.8
1600
0.171
--130.5
5.137
76.8
0.132
76.3
0.284
--66.2
1800
0.163
--138.4
4.594
73.5
0.148
75.2
0.268
--68.9
2000
0.157
--146.5
4.158
70.4
0.164
74.0
0.254
--71.7
2200
0.154
--154.2
3.807
67.4
0.180
72.7
0.243
--74.7
2400
0.154
--161.6
3.517
64.6
0.196
71.5
0.233
--77.8
2600
0.156
--167.9
3.270
61.8
0.213
70.3
0.227
--81.2
2800
0.158
--174.1
3.062
59.1
0.229
68.9
0.220
--84.7
3000
0.161
179.8
2.881
56.5
0.245
67.6
0.215
--88.3
3200
0.166
174.9
2.727
54.0
0.262
66.3
0.213
--92.3
3400
0.173
170.4
2.593
51.5
0.279
64.9
0.210
--96.8
3600
0.181
166.1
2.475
49.0
0.296
63.5
0.208
--101.3
3800
0.188
162.0
2.371
46.5
0.312
62.0
0.207
--106.1
4000
0.198
158.2
2.277
44.1
0.329
60.5
0.207
--111.0
4200
0.207
154.9
2.192
41.7
0.347
58.9
0.208
--116.0
4400
0.215
151.3
2.114
39.2
0.363
57.3
0.209
--121.2
4600
0.226
147.8
2.042
36.8
0.379
55.7
0.211
--126.5
4800
0.237
144.8
1.978
34.5
0.395
54.0
0.214
--131.9
5000
0.248
141.8
1.917
32.2
0.411
52.4
0.218
--136.9
5200
0.258
139.0
1.860
29.9
0.427
50.7
0.222
--142.1
5400
0.270
136.3
1.809
27.6
0.444
49.0
0.227
--147.2
5600
0.281
133.6
1.760
25.5
0.459
47.3
0.233
--152.2
5800
0.292
131.0
1.715
23.2
0.474
45.6
0.239
--157.1
6000
0.304
128.5
1.672
21.2
0.489
43.8
0.246
--161.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com