Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6025 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC6025
Description  NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6025 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC6025 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 5Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 6Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 7Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 8Page - Sanyo Semicon Device 2SC6025 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2SC6025
No.8144-2/15
Package Dimensions
unit : mm
2106B
1 : Base
2 : Emitter
3 : Collector
SANYO : SMCP
3
1
2
1.6
0.8
0.4
0.4
0.1 MIN
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT08188
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT08189
hFE -- IC
Collector Current, IC -- mA
IT08392
0.1
1.0
10
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
IT08207
02
3
4
1
0
5
10
15
20
25
35
30
IB=0
250µA
225µA
200µA
175µA
150µA
125µA
100µA
75µA
50
µA
25
µA
0.1
23
5
7
1.0
23
5
7
10
0.1
5
3
2
f=1MHz
5
2
7
5
3
2
3
1000
100
10
7
0.1
3
25
1.0
73
25
7
3
25
7
10
VCE=3V
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com