Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5445708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5445708
Description  Printed-circuit board connector - BCH-500V- 6 GN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5445708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5445708 Datasheet HTML 1Page - PHOENIX CONTACT 5445708 Datasheet HTML 2Page - PHOENIX CONTACT 5445708 Datasheet HTML 3Page - PHOENIX CONTACT 5445708 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/5445708
10/30/2014   Page 1 / 4
Printed-circuit board connector - BCH-500V- 6 GN - 5445708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 6, Pitch: 5 mm, Color: pastel
green, Contact surface: Tin, Assembly: Soldering
The figure shows a 5-pos. version of
the product in gray
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
2.2 GRM
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Length
8.6 mm
Pitch
5 mm
Dimension a
25 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
BCH-V
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V


Similar Part No. - 5445708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5445711 PHOENIX-5445711 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V- 7 GN
5445724 PHOENIX-5445724 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V- 8 GN
5445737 PHOENIX-5445737 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V- 9 GN
5445740 PHOENIX-5445740 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-10 GN
5445753 PHOENIX-5445753 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-11 GN
More results

Similar Description - 5445708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5445818 PHOENIX-5445818 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-17 GN
5445669 PHOENIX-5445669 Datasheet
61Kb / 3P
Printed-circuit board connector - BCH-500V- 2 GN
5445737 PHOENIX-5445737 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V- 9 GN
5445766 PHOENIX-5445766 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-12 GN
5445795 PHOENIX-5445795 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-15 GN
5445834 PHOENIX-5445834 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-19 GN
5445850 PHOENIX-5445850 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-21 GN
5445863 PHOENIX-5445863 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-22 GN
5445876 PHOENIX-5445876 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-23 GN
5445889 PHOENIX-5445889 Datasheet
71Kb / 4P
Printed-circuit board connector - BCH-500V-24 GN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com