Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5445708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5445708
Description  Printed-circuit board connector - BCH-500V- 6 GN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5445708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5445708 Datasheet HTML 1Page - PHOENIX CONTACT 5445708 Datasheet HTML 2Page - PHOENIX CONTACT 5445708 Datasheet HTML 3Page - PHOENIX CONTACT 5445708 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/5445708
10/30/2014   Page 2 / 4
Printed-circuit board connector - BCH-500V- 6 GN - 5445708
Technical data
General
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0
Color
pastel green
Number of positions
6
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / VDE Gutachten mit Fertigungsüberwachung / cULus Recognized



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com