Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4864MM/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM4864MM/NOPB
Description  LM4864 725mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4864MM/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4864MM/NOPB Datasheet HTML 11Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 12Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 13Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 14Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 15Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 16Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 17Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 18Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LM4864
www.ti.com
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the differential
gain, AVD. With a AVD = 2 and fH = 100 kHz, the resulting GBWP = 100 kHz which is much smaller than the
LM4864 GBWP of 18 MHz. This figure displays that if a designer has a need to design an amplifier with a higher
differential gain, the LM4864 can still be used without running into bandwidth problems.
LM4864LD DEMO BOARD ARTWORK
Figure 35. Silk Screen View of LM4864LD
Figure 36. Top Layer of LM4864LD
Figure 37. Bottom Layer of LM4864LD
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com