Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6911ETR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6911ETR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911ETR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6911ETR Datasheet HTML 11Page - STMicroelectronics L6911ETR Datasheet HTML 12Page - STMicroelectronics L6911ETR Datasheet HTML 13Page - STMicroelectronics L6911ETR Datasheet HTML 14Page - STMicroelectronics L6911ETR Datasheet HTML 15Page - STMicroelectronics L6911ETR Datasheet HTML 16Page - STMicroelectronics L6911ETR Datasheet HTML 17Page - STMicroelectronics L6911ETR Datasheet HTML 18Page - STMicroelectronics L6911ETR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
L6911E
Efficiency
The measured efficiency versus load current at different output voltages is shown in figure 11. In the application
two Mosfets STS12NF30L (30V, 8.5m
Ω typ with VGS=12V) connected in parallel are used for the High Side,
while three of them are used for the Low Side.
Figure 11. Efficiency vs. load current
Inductor design
Since the maximum output current is 28.5A, to have a 20% ripple (5A) the inductor chosen is 1.5
µH.
Output Capacitor
In the demo six OSCON capacitors, model 6SP680M, are used, with a maximum ESR equal to 12m
Ω each.
Therefore the resultant ESR is of 2m
Ω. For load transient of 28.5A in the worst case the voltage drop is of:
∆Vout = 28.5 * 0.002 = 57mV
The voltage drop due to the capacitor discharge during load transient, considering that the maximum duty cicle
is equal to 100% results in 46.5mV with 1.85V of programmed output.
Input Capacitor
For IOUT=28.5A and with D=0.5(worst case for input current ripple), Irms is equal to 17.8A. Three OSCON elec-
trolityc capacitors 6SP680M, with a maximum ESR equal to 12m
Ω, are chosen to substain the ripple. So the
losses in worst case are:
Over-Current Protection
Substituting the demo board parameters in the relationship reported in the relative section, (IOCSMIN=170µA;
IP=33A; RDSONMAX=3mΩ) it results that ROCS=1kΩ.
40
50
60
70
80
90
0
5
10
15
20
25
Output Current [A]
Vout = 1.825V
Vout = 1.225V
Vout = 1.500V
ESR I
rms
2
⋅
1.25 670
()m
(
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com