Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6911ETR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6911ETR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911ETR Datasheet(HTML) 5 Page - STMicroelectronics

  L6911ETR Datasheet HTML 1Page - STMicroelectronics L6911ETR Datasheet HTML 2Page - STMicroelectronics L6911ETR Datasheet HTML 3Page - STMicroelectronics L6911ETR Datasheet HTML 4Page - STMicroelectronics L6911ETR Datasheet HTML 5Page - STMicroelectronics L6911ETR Datasheet HTML 6Page - STMicroelectronics L6911ETR Datasheet HTML 7Page - STMicroelectronics L6911ETR Datasheet HTML 8Page - STMicroelectronics L6911ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
L6911E
Table 1. VID Setting
Device Description
The device is an integrated circuit realized in BCD technology. It provides complete control logic and protections
for a high performance step-down DC-DC converter optimized for microprocessor power supply. It is designed
to drive N Channel Mosfets in a synchronous-rectified buck topology. The device works properly with Vcc rang-
ing from 5V to 12V and regulates the output voltage starting from a 1.26V power stage supply voltage (Vin). The
output voltage of the converter can be precisely regulated, programming the VID pins, from 1.050V to 1.825V
with 25mV binary steps, with a maximum tolerance of
±1% over temperature and line voltage variations. The
device provides voltage-mode control with fast transient response. It includes a 200kHz free-running oscillator
that is adjustable from 50kHz to 1MHz. The error amplifier features a 15MHz gain-bandwidth product and 10V/
ms slew rate which permits high converter bandwidth for fast transient performance. The resulting PWM duty
cycle ranges from 0% to 100%. The device protects against over-current conditions entering in HICCUP mode.
The device monitors the current by using the rDS(ON) of the upper MOSFET which eliminates the need for a cur-
rent sensing resistor.
The device is available in SO20 package.
Oscillator
The switching frequency is internally fixed to 200kHz. The internal oscillator generates the triangular waveform
for the PWM charging and discharging with a constant current an internal capacitor. The current delivered to the
oscillator is tipically 50
µA (Fsw=200KHz) and may be varied using an external resistor (RT) connected between
RT pin and GND or VCC. Since the RT pin is maintained at fixed voltage (typ. 1.235V), the frequency is varied
proportionally to the current sinked (forced) from (into) the pin.
In particular connecting it to GND the frequency is increased (current is sinked from the pin), according to the
following relationship:
Connecting RT to VCC=12V or to VCC=5V the frequency is reduced (current is forced into the pin), according
to the following relationships:
VID4
(25mV)
VID3
VID2
VID1
VID0
Outp ut
Voltage (V)
VID4
(25mV)
VID3
VID2
VID1
VID0
Outpu t
Voltage (V)
0
0
100
1.050
01
1
0
0
1.450
1
0
100
1.075
11
1
0
0
1.475
0
0
011
1.100
01
0
1
1
1.500
1
0
011
1.125
11
0
1
1
1.525
0
0
010
1.150
01
0
1
0
1.550
1
0
010
1.175
11
0
1
0
1.575
0
0
001
1.200
01
0
0
1
1.600
1
0
001
1.225
11
0
0
1
1.625
0
0
000
1.250
01
0
0
0
1.650
1
0
000
1.275
11
0
0
0
1.675
0
1
111
1.300
00
1
1
1
1.700
1
1
111
1.325
10
1
1
1
1.725
0
1
110
1.350
00
1
1
0
1.750
1
1
110
1.375
10
1
1
0
1.775
0
1
101
1.400
00
1
0
1
1.800
1
1
101
1.425
10
1
0
1
1.825
f
S
200kH z
4.94 10
6
⋅
R
T k Ω
()
-------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com