Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH6N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH6N120
Description  High Voltage Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH6N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH6N120 Datasheet HTML 1Page - IXYS Corporation IXTH6N120 Datasheet HTML 2Page - IXYS Corporation IXTH6N120 Datasheet HTML 3Page - IXYS Corporation IXTH6N120 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
1200
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
1200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C6
A
I
DM
T
C = 25°C, pulse width limited by TJM
24
A
I
AR
T
C = 25°C6
A
E
AR
T
C = 25°C25
mJ
E
AS
T
C = 25°C
500
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
TO-247 AD (IXTH)
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
DS99024B(01/04)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
1200
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J =
25
°C25
µA
V
GS = 0 V
T
J = 125°C
500
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
2.6
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
TO-268
(IXTT) Case Style
(TAB)
G
S
High Voltage
Power MOSFET
IXTH 6N120
V
DSS
= 1200 V
IXTT 6N120
I
D25
=
6 A
R
DS(on)
=
2.6
Ω
Ω
Ω
Ω
Ω
N-Channel Enhancement Mode
Avalanche Rated
Features
International standard packages
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
Preliminary Data Sheet


Similar Part No. - IXTH6N120

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH6N120 ISC-IXTH6N120 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH6N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
High Voltage Power MOSFET
IXTF1N450 IXYS-IXTF1N450 Datasheet
158Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
IXTJ6N150 IXYS-IXTJ6N150 Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTU05N100 IXYS-IXTU05N100 Datasheet
109Kb / 4P
High Voltage Power MOSFET
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
High Voltage Power MOSFET
IXTY02N50D IXYS-IXTY02N50D_17 Datasheet
213Kb / 4P
High Voltage Power MOSFET
IXTH1N300P3HV IXYS-IXTH1N300P3HV Datasheet
220Kb / 5P
High Voltage Power MOSFET
2014
IXTT1N450HV IXYS-IXTT1N450HV_V01 Datasheet
219Kb / 6P
High Voltage Power MOSFET
04/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com