Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

489D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 489D
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D Datasheet(HTML) 2 Page - Vishay Siliconix

  489D Datasheet HTML 1Page - Vishay Siliconix 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix 489D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
489D, 499D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
2
Document Number: 42070
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pitch or lead spacing P measured within 0.05" [1.27 mm] of the body of the capacitor or from the bottom of the crimp
LEAD STYLE CONFIGURATIONS, PACKAGING OPTIONS, AND DIMENSIONS in inches [millimeters]
PACKAGING
BULK
TAPE (REEL / AMMO BOX)
LEAD STYLES
1, 2, 3, 4
6
9
2, 4
6
CASE
D
(MAX.)
P (1)
± 0.020
[0.50]
H
(MAX.)
P (1)
± 0.020
[0.50]
H1
(MAX.)
P (1)
± 0.020
[0.50]
H2
(MAX.)
P (1)
± 0.020
[0.50]
H
(MAX.)
P (1)
± 0.020
[0.50]
H1
(MAX.)
A
0.146
[3.70]
0.100
[2.54]
0.276
[7.0]
0.200
[5.08]
0.433
[11.0]
0.200
[5.08]
0.394
[10.0]
0.100
[2.54]
0.276
[7.0]
0.200
[5.08]
0.433
[11.0]
B
0.157
[4.00]
0.100
[2.54]
0.295
[7.50]
0.200
[5.08]
0.453
[11.5]
0.200
[5.08]
0.413
[10.5]
0.100
[2.54]
0.295
[7.50]
0.200
[5.08]
0.453
[11.5]
C
0.177
[4.50]
0.100
[2.54]
0.315
[8.0]
0.200
[5.08]
0.472
[12.0]
0.200
[5.08]
0.433
[11.0]
0.100
[2.54]
0.315
[8.0]
0.200
[5.08]
0.472
[12.0]
D
0.197
[5.00]
0.100
[2.54]
0.354
[9.0]
0.200
[5.08]
0.512
[13.0]
0.200
[5.08]
0.472
[12.0]
0.100
[2.54]
0.354
[9.0]
0.200
[5.08]
0.512
[13.0]
E
0.217
[5.50]
0.100
[2.54]
0.394
[10.0]
0.200
[5.08]
0.551
[14.0]
0.200
[5.08]
0.512
[13.0]
0.100
[2.54]
0.394
[10.0]
0.200
[5.08]
0.551
[14.0]
F
0.236
[6.00]
0.100
[2.54]
0.433
[11.0]
0.200
[5.08]
0.591
[15.0]
0.200
[5.08]
0.551
[14.0]
0.100
[2.54]
0.433
[11.0]
0.200
[5.08]
0.591
[15.0]
H
0.260
[6.50]
0.100
[2.54]
0.472
[12.0]
0.200
[5.08]
0.623
[16.0]
0.200
[5.08]
0.591
[15.0]
0.100
[2.54]
0.472
[12.0]
0.200
[5.08]
0.623
[16.0]
M
0.394
[10.0]
0.200
[5.08]
0.571
[14.5]
n/a
n/a
0.200
[5.08]
0.709
[18.0]
0.200
[5.08]
0.571
[14.5]
n/a
n/a
N
0.433
[11.0]
0.200
[5.08]
0.623
[16.0]
n/a
n/a
0.200
[5.08]
0.748
[19.0]
0.200
[5.08]
0.623
[16.0]
n/a
n/a
R
0.472
[12.0]
0.200
[5.08]
0.748
[19.0]
n/a
n/a
0.200
[5.08]
0.866
[22.0]
n/a
n/a
n/a
n/a
D
0.5¯
3
H
H
H1
H2
15 min.
20 max.
15 min.
20 max.
D
0.5¯
D
0.5¯
D
P
0.5¯
1 and 3
2 and 4
6
9
P ± 0.5
P ± 0.5
P ± 0.5
P ± 0.5
1.1 ± 0.05
4.5 ± 1.5
5.5 ± 0.5
Bulk lead styles
Upper edge
of printed
circuit board
D
P ± 0.5
D
P ± 0.5
H1
H
2 and 4
6
Tape (reel / ammo) lead styles



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com