Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

489D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 489D
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D Datasheet(HTML) 3 Page - Vishay Siliconix

  489D Datasheet HTML 1Page - Vishay Siliconix 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix 489D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
489D, 499D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
3
Document Number: 42070
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAD STYLE
RATINGS, CASE CODES, AND LEAD STYLE
CR
μF
RATED VOLTAGE UR AT +85 °C
LEAD STYLE
3.0 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
BULK
AMMO / REEL
0.10
A
A
1, 2, 6, 9
2, 6
0.15
A
A
0.22
A
A
0.33
A
B
0.47
A
B
0.68
B
C
1.0
A
B
D
1.5
A
B
C
E
2.2
A
B
B
C
F
3.3
A
B
C
C
D
F
4.7
A
A
B
C
C
D
H
6.8
A
A
B
C
D
D
E
N
3, 4, 9
4
(except R case)
10
B
B
B
C
D
D
F
N
15
B
B
C
D
E
E
M
N
22
C
C
C
D
F
H
M
N
33
C
C
D
E
H
M
N
47
D
D
D
F
M
M
N
68
D
D
E
M
N
N
100
E
E
M
N
N
150
H
M
M
N
220
M
M
N
R
330
N
N
R
470
N
R
680
R
R
LEAD STYLE 1:
Straight leads,
0.1" [2.5 mm] lead space,
uneven length
LEAD STYLE 3:
Straight leads,
0.2" [5 mm] lead space,
uneven length
LEAD STYLE 2:
Straight leads,
0.1" [2.5 mm] lead space,
even length
LEAD STYLE 4:
Straight leads,
0.2" [5 mm] lead space,
even length
LEAD STYLE 6:
Shouldered leads,
0.2" [5 mm] lead space
LEAD STYLE 9:
Snap-In leads,
0.2" [5 mm] lead space



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com