Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3C16211 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C16211
Description  3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C16211 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C16211 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C16211 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C16211 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C16211 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PI3C16211
3.3V, High Bandwidth 24-Bit Bus Switch
4
PS8456C
05/29/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
OrderingInformation
.002
.006
SEATING PLANE
.007
.011
.004
.008
1
56
.236
.244
0.50
0.17
0.27
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
Max.
1.20
6.0
6.2
.547
.555
13.9
14.1
.319
8.1
.0197
BSC
BSC
56-Pin TSSOP (A) Package
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Ph
t
d
i
We
r
u
t
a
r
e
p
m
e
T
A
1
1
2
6
1
C
3
I
P)
A
(
P
O
S
S
T
-
6
5l
i
m
-
0
4
2
C
°
5
8
o
t
C
°
0
V
1
1
2
6
1
C
3
I
P)
V
(
P
O
S
S
-
6
5l
i
m
-
0
0
3
ApplicationsInformation
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the
supply voltage. For example, given a +3.3V supply, IN may be driven
lowto0Vandhighto3.6V. DrivingINRail-to-Rail®minimizespower
consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS
devices. Always apply VCC before applying VBIAS and signals to
input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd
56-Pin SSOP (V) Package
0.25
0.20
.025 BSC
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.396
.416
10.06
10.56
.02
.04
0.51
1.01
.015
.025
0.381
0.635
.720
.730
18.29
18.54
.008
.0135
0.20
0.34
1
56
x 45˚
Nom.
Max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com