Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3C16211 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C16211
Description  3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C16211 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C16211 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C16211 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C16211 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C16211 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8456C
05/29/01
E
O
1E
O
2
1 ,
A 1
s
O
/
I
B
2 ,
A 2
s
O
/
I
B
LL
1
=
A
1B
2
=
A
2B
LH
1
=
A
1BZ
HL
Z
2
=
A
2B
HH
Z
Z
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C16211
3.3V, High Bandwidth 24-Bit Bus Switch
Product Description
Pericom Semiconductor’s PI3C series of bus switch circuits are
produced using the Company’s advanced submicron CMOS
technology.
The PI3C16211 is a 24-bit bus switch designed with a low ON
resistance allowing inputs to be connected directly to outputs. This
device operates as a 24-bit or a 12-bit bus switch, which provides
high speed bus switching.
Product Features
• Near-zero propagation delay
• 5 Ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2mA typical)
– Ideally suited for notebook applications
• Industrial operating temperature: –40°C to +85°C
• Packages available:
– 56-pin 240-mil wide thin plastic TSSOP (A)
– 56-pin 300-mil wide plastic SSOP (V)
Logic Block Diagram
ProductPinConfiguration
Truth Table
Product Pin Description
Pin Name
I/O
Description
S0-S2
I
Select Inputs
xAx
I/O
Bus A
xBxI/O
Bus B
Note:
1. H = High Voltage Level
L = Low Voltage Level
Z = High Impedance
1OE
2A12
2A1
2B12
2B1
1A1
1B1
1A12
1B12
2OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
NC
1A1
1A2
1A3
1A4
1A5
1A6
GND
1A7
1A8
1A9
1A10
1A11
1A12
2A1
2A2
VCC
2A3
GND
2A4
2A5
2A6
2A7
2A8
2A9
2A10
2A11
2A12
1OE
2OE
1B1
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
1B11
1B12
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
2B11
2B12
56-Pin
A,V


Similar Part No. - PI3C16211

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210A PERICOM-PI3C16210A Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16210K PERICOM-PI3C16210K Datasheet
304Kb / 4P
3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
PI3C16212A PERICOM-PI3C16212A Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
More results

Similar Description - PI3C16211

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212 Datasheet
95Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16211 RENESAS-IDTQS3VH16211 Datasheet
401Kb / 9P
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
IDTQS3VH16212 RENESAS-IDTQS3VH16212 Datasheet
420Kb / 9P
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
JANUARY 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com