Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE94112ES Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE94112ES
Description  Twelve half bridge power outputs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94112ES Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE94112ES Datasheet HTML 9Page - Infineon Technologies AG TLE94112ES Datasheet HTML 10Page - Infineon Technologies AG TLE94112ES Datasheet HTML 11Page - Infineon Technologies AG TLE94112ES Datasheet HTML 12Page - Infineon Technologies AG TLE94112ES Datasheet HTML 13Page - Infineon Technologies AG TLE94112ES Datasheet HTML 14Page - Infineon Technologies AG TLE94112ES Datasheet HTML 15Page - Infineon Technologies AG TLE94112ES Datasheet HTML 16Page - Infineon Technologies AG TLE94112ES Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Data Sheet
13
1.0
2020-09-29
TLE94112ES
General Product Characteristics
3.4
Electrical Characteristics
Table 5
Electrical Characteristics, VS =5.5 V to 18 V, VDD = 3.0V to 5.5V, Tj = -40°C to +150°C, EN= HIGH,
IOUTn= 0 A; Typical values refer to VDD = 5.0 V, VS = 13.5 V and TJ = 25 °C unless otherwise
specified; all voltages with respect to ground, positive current flowing into pin (unless
otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ. Max.
Current Consumption, EN = GND
Supply Quiescent current
ISQ
–
0.5
2
µA
-40°C ≤ Tj ≤ 85°C
P_4.4.1
Logic supply quiescent current IDD_Q
–
0.1
1
µA
-40°C ≤ Tj ≤ 85°C
P_4.4.2
Total quiescent current
ISQ+IDD_Q
–
0.6
3
µA
-40°C ≤ Tj ≤ 85°C
P_4.4.3
Current Consumption, EN=HIGH
Supply current
IS
–
0.5
1
mA
Power drivers and
power stages are
off
P_4.4.4
Supply current
IS_HSON
–
4.5
9
mA
All high-sides ON1) P_4.4.101
Logic supply current
IDD
–1.5
3
mA
SPI not active
P_4.4.5
Logic supply current
IDD_RUN
–5
–
mA
SPI 5MHz 3)
P_4.4.6
Total supply current
IS+IDD_RUN –5.5
–
mA
SPI 5MHz 3)
P_4.4.7
Over- and Undervoltage Lockout
Undervoltage Switch ON
voltage threshold
VUVON
4.25
–
5.25
V
VS increasing
P_4.4.8
Undervoltage Switch OFF
voltage threshold
VUVOFF
4–
5.0
V
VS decreasing
P_4.4.9
Undervoltage Switch ON/OFF
hysteresis
VUVHY
–0.25 –
V
VUVON - VUVOFF 3)
P_4.4.10
Overvoltage Switch OFF voltage
threshold
VOVOFF
21
–
25
V
VS increasing
P_4.4.11
Overvoltage Switch ON voltage
threshold
VOVON
20
–
24
V
VS decreasing
P_4.4.12
Overvoltage Switch ON/OFF
hysteresis
VOVHY
–1
–
V
VOVOFF - VOVON 3)
P_4.4.13
VDD Power-On-Reset
VDDPOR
2.40
2.70 2.90
V
VDD increasing
P_4.4.14
VDD Power-Off-Reset
VDDPOffR
2.35
2.65 2.85
V
VDD decreasing
P_4.4.15
VDD Power ON/OFF hysteresis
VDDPORHY
–0.05 –
V
VDDPOR - VDDPOffR 3)
P_4.4.98
Static Drain-source ON-Resistance (High-Side or Low-Side)
High-Side or Low-Side RDSON
(all outputs)
RDSON_HB_25C –
850
1200
mΩ
IOUT = ±0.5 A;
Tj= 25 °C
P_4.4.16
High-Side or Low-Side RDSON
(all outputs)
RDSON_HB_150
C
–
1400 1800
mΩ
IOUT = ±0.5 A;
Tj= 150 °C
P_4.4.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com