Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE94112ES Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE94112ES
Description  Twelve half bridge power outputs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94112ES Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE94112ES Datasheet HTML 1Page - Infineon Technologies AG TLE94112ES Datasheet HTML 2Page - Infineon Technologies AG TLE94112ES Datasheet HTML 3Page - Infineon Technologies AG TLE94112ES Datasheet HTML 4Page - Infineon Technologies AG TLE94112ES Datasheet HTML 5Page - Infineon Technologies AG TLE94112ES Datasheet HTML 6Page - Infineon Technologies AG TLE94112ES Datasheet HTML 7Page - Infineon Technologies AG TLE94112ES Datasheet HTML 8Page - Infineon Technologies AG TLE94112ES Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
Data Sheet
2
1.0
2020-09-29
TLE94112ES
Type
Package
Marking
TLE94112ES
PG-TSDSO-24
TLE94112ES
Table 1
Product Summary
Normal Operating Voltage
VS
5.5 ... 18 V
Extended Operating Voltage
VS
18 ... 20 V
Logic Supply Voltage
VDD
3.0 ... 5.5 V
Maximum Supply Voltage for Load Dump
Protection
VS(LD)
40 V
Minimum Overcurrent Threshold
ISD
0.9 A
Maximum On-State Path Resistance at Tj = 150°C RDSON(total)_HSx+LSy
1.8 + 1.8 Ω
Typical Quiescent Current at Tj = 85°C
ISQ
0.1 µA
Maximum SPI Access Frequency
fSCLK
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com