Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP5 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MSP5
Description  Final Control Elements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP5 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MSP5 Datasheet HTML 1Page - M-System Co.,Ltd. MSP5 Datasheet HTML 2Page - M-System Co.,Ltd. MSP5 Datasheet HTML 3Page - M-System Co.,Ltd. MSP5 Datasheet HTML 4Page - M-System Co.,Ltd. MSP5 Datasheet HTML 5Page - M-System Co.,Ltd. MSP5 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: MSP5
MSP5 SPECIFICATIONS
ES-4845 Rev.14 Page 3/6
http://www.m-system.co.jp/
(signal to metallic housing)
•DC powered: ≥ 100 MΩ with 100 V DC
(signal or power to metallic housing)
Dielectric strength
•AC powered: 1500 V AC @ 1 minute
(signal or metallic housing to power)
100 V AC @ 1 minute
(signal to metallic housing)
•DC powered: 100 V AC @ 1 minute
(signal or power to metallic housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (Full-open/-closed signal)
Pollution Degree 2
Full-open/-closed signal to other, power or metallic
housing: Reinforced insulation (125 V)
RoHS Directive
EN 50581
TERMINOLOGY
• Overload (Lock) Protection
The Mini-Top Series is equipped with a protection circuit
against overload caused by for example the valve catching
an alien substance.
When an overload is detected, the Mini-Top stops supplying
power to the motor and the status LED blinks in 0.5 sec.
intervals.
The protection is reset automatically with applying opposite-
direction input signal or turning the power off and
restarting.
• Restarting Timer
The Mini-Top Series is equipped with a timer circuit which
gives an interval period (0 – 10 seconds) between stop-
restart actions to prevent the motor and other internal
components from overheating.
It is recommended to set a long restarting time when the
ambient temperature and/or the temperature of flow
material is high.
• Electronic Limiter
This model is equipped with electronic limiters in order to
prevent mechanical locks when the input goes below 0 % or
above 100 %.
Limiters are set at approx. -1.5 % for the full-closed side,
approx. 101.5 % for the full-open side.
• Seal-Spring
The Mini-top Series incorporates a seal-spring to maintain
the sealing pressure when the valve is fully closed. The
standard spring has 0.5 – 1 mm (.02” – .04”) flexibility to
facilitate the full-closed adjustment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com