Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP5 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSP5
Description  Final Control Elements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP5 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSP5 Datasheet HTML 1Page - M-System Co.,Ltd. MSP5 Datasheet HTML 2Page - M-System Co.,Ltd. MSP5 Datasheet HTML 3Page - M-System Co.,Ltd. MSP5 Datasheet HTML 4Page - M-System Co.,Ltd. MSP5 Datasheet HTML 5Page - M-System Co.,Ltd. MSP5 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: MSP5
MSP5 SPECIFICATIONS
ES-4845 Rev.14 Page 1/6
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(linear type)
Functions & Features
• Small-size control valve actuator
• 1/1000 high resolution
• Seal-spring incorporated for both directions; usable with
three-way valves
• Easy adjustment: electronic limiter at the valve open &
closed positions
• Overload protection
• Various power inputs
• Manual operation function option available
Typical Applications
• Actuator for automatic control valve in pilotplants
• Air-conditioning in buildings or plants
• Micro-flow control for pharmaceutical injection
• For small-size control valves
MODEL: MSP5–[1][2][3][4][5]–[6][7][8][9]
ORDERING INFORMATION
• Code number: MSP5-[1][2][3][4][5]-[6][7][8][9]
Specify a code from below for each of [1] through [9].
(e.g. MSP5-371LT-ACR/S/Q)
• Special input range (for codes Z and 0)
• Specify the specification for option code /Q
(e.g. /SET)
[1] STROKE
1: 5 to 10 mm (.20” to .39”)
3: 10 to 20 mm (.39” to .79”)
[2] OPERATION TIME, THRUST
3: 5 sec. / 10 mm, 150 N
4: 9 sec. / 10 mm, 300 N
7: 18 sec. / 10 mm, 700 N
[3] OUTPUT STEM TYPE
6: M6 female thread, 0.75 pitch
8: M8 female thread, 1.0 pitch
1: M10 female thread, 1.25 pitch
D: M6 female thread, 1.0 pitch
E: M8 female thread, 1.25 pitch
F: M10 female thread, 1.5 pitch
[4] SEQUENTIAL CONTROL SIGNALS
L: Full-open/-closed signal
F: Forced open/close signal
B: Full-open/-closed and forced open/close signals
(Select 'With Terminal Box.')
0: Without
[5] TERMINAL BOX
T: With
0: Without
[6] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Input resistance approx. 1 MΩ)
0: Specify voltage (See INPUT SPECIFICATIONS)
[7] CE MARKING
C: With
0: Without
[8] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
(Not selectable for CE)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
(Not selectable for CE)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[9] OPTIONS (multiple selections)
Manual Operation Function
blank: Without
/S: With (Not available when DC power is selected.)
Other Options
blank: none


Similar Part No. - MSP5

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
MSP5 GRAYHILL-MSP5 Datasheet
201Kb / 4P
SERIES 34C Sub-Miniature Toggle Switches
logo
Vishay Siliconix
MSP5.0A VISHAY-MSP5.0A Datasheet
109Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Aug-08
MSP5.0A VISHAY-MSP5.0A Datasheet
90Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
MSP5.0A-M3 VISHAY-MSP5.0A-M3 Datasheet
92Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
12-Jul-12
MSP5.0A-M3/89A VISHAY-MSP5.0A-M3/89A Datasheet
92Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
12-Jul-12
More results

Similar Description - MSP5

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com