Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC834 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC834 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
Page 4
G52247-0, Rev 4.2
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
If any change in a monitor state occurs after sampling by MONCLK, an interrupt will be signalled by
asserting INTB, and the user must identify the offending channel by reading the monitor states. The interrupt
will be cleared when the corresponding activity monitor is read, but the monitor state will not be changed. If
multiple monitors have triggered the interrupt, it will persist until all the corresponding monitors have been
read.
The LOA circuitry requires a minimum signal level of 30-150 mV peak-peak to recognize an input as
active. This is required to distinguish noise on an unconnected signal (where both inputs float to the termination
voltage) from activity on a live signal. A minimum of two transitions defines activity. The threshold signal
level can be adjusted with the VHYS pin, which can set the threshold from zero to the maximum allowed input
swing. The VHYS pin will self-bias to a nomial value that will be appropriate for most applications (30-150mV
p-p input level). Although uncalibrated for nominal level, gain and linearity, the VHYS pin can be externally
set to adjust the threshold level over the entire range of the input signal, from zero to the maximum level
allowed at the input.
Table 2: Memory Map
Address
Access
Description
00h
R/W
Output Y0’s programmed input channel ( write and then assert CONFIG to program)
01h
R/W
Output Y1’s programmed input channel
...
...
...
10h
R/W
Output Y16’s programmed input channel
11h
R/W
Internal output Y17’s programmed input channel
...
...
...
20h
R/W
Internal output Y32’s programmed input channel
21h
R/O
Rx Activity monitor for inputs A0, A1,A2,A3
( Logic ‘1’=No activity)
22h
R/O
Rx Activity monitor for inputs A4, A5,A6,A7
23h
R/O
Rx Activity monitor for inputs A8, A9,A10,A11
24h
R/O
Rx Activity monitor for inputs A12, A13,A14,A15
25h
R/O
Rx Activity monitor for input A16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com