Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC834 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC834 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
G52247-0, Rev 4.2
Page 7
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics (All Characteristics Are Over The Specified Operating Conditions)
Table 5: Power
Note: ICC Specified with outputs terminated with 50Ω to +2.0V and Chip VTERM=+2.0V.
Table 6: Control Port Input Levels
Table 7: Data Input Levels (Differential PECL)
Table 8: Data Output Levels (Differential PECL)
NOTE: (1) Nominal PECL mode, VCC=VCCP=3.3V, VEE=0, terminated 50Ω to +2.0V.
Parameter
Description
Min
Typ
Max
Units
Conditions
ICC
VCC supply current
2600
mA
PT
Total chip power (VCC = 3.45V and +85ºC
case)
9W
ITERM-V
VTERM supply current with VTERM =VCC-1.3V
~0
mA
ITERM-E
VTERM supply current with VTERM =VCC-2.0V
-600
mA
Parameter
Description
Min
Typ
Max
Units
Conditions
VVCOM
VCOM bias voltage (L and R)
2.0
V
VCC=3.3V
VVHYS
VHYS bias voltage
1.65
V
VCC=3.3V
VIH
Input HIGH voltage (TTL)
2.0
—
3.5
V
—
VIL
Input LOW voltage (TTL)
0
—
0.8
V
—
IIH
Input HIGH current (TTL)
——
500
µAV
IN = 2.4V
IIL
Input LOW current (TTL)
——
-500
µAV
IN = 0.5V
IOZ
Tristate output current (TTL)
-100
—
100
µAV
OUT = 0.4V-2.4V
Parameter
Description
Min
Typ
Max
Units
Conditions
VID
Input differential voltage
200
—
1000
mV
—
VICM
Input common-mode voltage
1.8
—
2.2
V
VCC=3.3V
Parameter
Description
Min
Typ
Max
Units
Conditions
VOD
Output differential voltage
600
—
1000
mV
Note 1
VOCM
Output common-mode voltage
1.8
—
2.2
V
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com