Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3565R Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 59Page - Microchip Technology MCP3565R Datasheet HTML 60Page - Microchip Technology MCP3565R Datasheet HTML 61Page - Microchip Technology MCP3565R Datasheet HTML 62Page - Microchip Technology MCP3565R Datasheet HTML 63Page - Microchip Technology MCP3565R Datasheet HTML 64Page - Microchip Technology MCP3565R Datasheet HTML 65Page - Microchip Technology MCP3565R Datasheet HTML 66Page - Microchip Technology MCP3565R Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 63
MCP3565R
6.0
SPI SERIAL INTERFACE AND
DEVICE OPERATION
6.1
Overview
The MCP3565R device uses an SPI interface to read
and write the internal registers. The device includes a
four-wire (CS, SCK, SDI, SDO) serial SPI interface that
is compatible with SPI Modes 0,0 and 1,1. Data are
clocked out of the device on the falling edge of SCK
and data are clocked into the device on the rising edge
of SCK. In these modes, the SCK clock can Idle either
high (1,1) or low (0,0). The digital interface is asynchro-
nous with the ADC conversion clock (i.e., the MLCK
clock controls the ADC sampling and digital filtering
when the internal oscillator is selected as the conver-
sion clock source). However, when an external clock is
selected as the conversion clock source, SCK
becomes MCLK; therefore, it makes the interface and
conversion clock synchronous signals. All digital input
pins are Schmitt Triggered to avoid system noise
perturbations on the communications. The SPI inter-
face is maintained in a Reset state during POR.
Each SPI communication starts with a CS falling edge
and stops with the CS rising edge. Each SPI communi-
cation is independent. When CS is logic high, SDO is
in high-impedance, the transitions on SCK and SDI
have no effect. Changing from SPI Mode 1,1 to an SPI
Mode 0,0 and vice versa is possible, and must be done
while the CS pin is logic high. Any CS rising edge clears
the communication and resets the SPI digital interface.
See Figure 1-1 for the SPI timing details.
The MCP3565R digital interface is capable of handling
various Continuous Read and Write modes, which
allows for ADC data streaming, or full register map
writing, within only one communication (and with only
one unique COMMAND byte). It also includes single
byte Fast commands. The device does not include a
Master Reset pin, but it includes an SPI Fast command
to be able to fully reset the part at any time and place it
back in a default configuration.
The device family also includes advanced security
features to secure communication and alert users of
unwanted Write commands that change the desired
configuration. To secure the entire configuration, the
device includes an 8-bit lock code (LOCK[7:0]), which
blocks all Write commands to the full register map if the
value of the lock code is not equal to a defined
password (0xA5). The user can protect its configuration
by changing the LOCK[7:0] value to 0x00 after full
programming, so that any unwanted Write command
will not result in a change in the configuration. Each SPI
read communication can be secured through a select-
able CRC-16 checksum provided on the SDO pin at the
end of every communication sequence. This checksum
computation is compatible with the DMA CRC
hardware of the PIC24 and PIC32 MCUs, as well as
many other MCU references, resulting in no additional
overhead for the added security.
Once the part is locked (write-protected), an additional
checksum calculation also runs continuously in the
background to ensure the integrity of the full register
map. All writable registers of the register map are
processed through a CRC-16 calculation engine and
give a CRC-16 checksum that depends on the con-
figuration. This checksum is readable from the CRC
register and updated when MCLK is running. If there is
a change in the checksum, a CRC interrupt generates
a flag to warn the user that the configuration has been
corrupted.
The MCP3565R device does not incorporate a
dedicated IRQ pin, but two IRQ mechanisms are avail-
able for users to synchronize with Data Ready Events,
and retrieve POR and CRC errors that could happen
during operations. MCP3565R does not incorporate a
dedicated MCLK I/O pin, as the rest of the family of
MCP356x devices, due to its low pin count. However,
the SCK pin can be used as an input to retrieve MCLK
from an external clock source, or as an output to gather
AMCLK generated by the internal oscillator to
synchronize with the MCU.
6.2
SPI Communication Structure
The MCP3565R interface has a simple communication
structure. Every communication starts with a CS falling
edge and stops with a CS rising edge.
The communication is always started by the
COMMAND byte (8 bits) clocking on the SDI input. The
COMMAND byte defines the command that will be
executed by the digital interface. It includes the device
address, the register address bits and the
command-type bits.
The COMMAND byte is typically followed by data bytes
clocked on SDI if the command type is a write and on
SDO if the command type is a read. The COMMAND
byte can also define a Fast command, and in this case,
it is not followed by any other byte. The following sub-
sections detail the COMMAND byte structure and all
possible commands.
During the COMMAND byte clocking on SDI, a
STATUS byte is also propagated on the SDO output to
enable easy polling of the device status. During this time,
the interface is full-duplex, but the part can still be used
by MCUs handling only half-duplex communications if
the STATUS byte is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com