Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3565R Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 1 Page - Microchip Technology

  MCP3565R Datasheet HTML 1Page - Microchip Technology MCP3565R Datasheet HTML 2Page - Microchip Technology MCP3565R Datasheet HTML 3Page - Microchip Technology MCP3565R Datasheet HTML 4Page - Microchip Technology MCP3565R Datasheet HTML 5Page - Microchip Technology MCP3565R Datasheet HTML 6Page - Microchip Technology MCP3565R Datasheet HTML 7Page - Microchip Technology MCP3565R Datasheet HTML 8Page - Microchip Technology MCP3565R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 1
MCP3565R
Features
• One Differential or Two Single-Ended Input
Channels
• 24-Bit Resolution
• Programmable Data Rate: Up to 153.6 ksps
• Programmable Gain: 0.33x to 64x
• 106.7 dB SINAD, -116 dBc THD, 120 dBc SFDR
(Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset error drift: 4/Gain nV/°C (AZ_MUX = 1)
- Gain error drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 90 nVRMS (Gain = 16x,12.5 SPS)
• RMS Effective Resolution: Up to 23.3 Bits
• Wide Input Voltage Range: 0V to AVDD
• Selectable Internal 2.4V Voltage Reference with
15 ppm/°C Drift
• Differential Voltage Reference Inputs
• Internal Oscillator or External Clock Selection
• Ultra-Low Full Shutdown Current Consumption
(< 2.4 µA)
• Internal Temperature Sensor
• Burnout Current Sources for Sensor Open/Short
Detection
• 24-Bit Digital Offset and Gain Error Calibration
Registers
• Internal Conversions Sequencer (SCAN mode)
for Automatic Multiplexing
• Advanced Security Features:
- 16-bit CRC for secure SPI communications
- 16-bit CRC and IRQ for securing
configuration
- Register map lock with 8-bit secure key
- Monitor controls for system diagnostics
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
• AVDD: 2.7V-3.6V
• DVDD: 1.8V-3.6V
• Extended Temperature Range: -40°C to +125°C
• Package: 2 mm x 2 mm x 0.55 mm 12-Lead UQFN
General Description
The MCP3565R is a one differential channel or two
single-ended channels, 24-bit Delta-Sigma Analog-
to-Digital Converter (ADC) with a programmable data
rate of up to 153.6 ksps. It offers integrated features,
such as internal voltage reference, internal oscillator,
temperature sensor and burnout sensor detection, in
order to reduce system component count and total
solution cost.
The MCP3565R ADC is fully configurable with Over-
sampling Ratio (OSR) from 32 to 98304 and gain from
1/3x to 64x. The device includes an internal sequencer
(SCAN mode) with multiple monitor channels and a
24-bit timer to be able to automatically create conver-
sion loop sequences without needing MCU communi-
cations. Advanced security features, such as CRC and
register map lock, can ensure configuration locking and
integrity, as well as communication data integrity for
secure environments.
The device comes with a 20 MHz SPI-compatible serial
interface. Communication is largely simplified with 8-bit
commands, including various Continuous Read/Write
modes and 24/32-bit multiple data formats that can be
accessed by the Direct Memory Access (DMA) of an
8-bit, 16-bit or 32-bit MCU.
The MCP3565R device is available in an ultra-small,
2 mm x 2 mm x 0.55 mm 12-Lead UQFN package and
is specified over an extended temperature range from
-40°C to +125°C.
Applications
• Precision Sensor Transducers and Transmitters:
Pressure, Strain, Flow and Force Measurement
• Factory Automation and Process Controls
• Portable Instrumentation
• Temperature Measurements
Two-Channel, 153.6 ksps, Low Noise
24-Bit Delta-Sigma ADC with Internal Voltage Reference


Similar Part No. - MCP3565R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561T-E/NC MICROCHIP-MCP3561T-E/NC Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561T-E/NC MICROCHIP-MCP3561T-E/NC Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561T-E/ST MICROCHIP-MCP3561T-E/ST Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
More results

Similar Description - MCP3565R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
Low-Noise 24-bit Delta Sigma ADC
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
Low-Noise 24-bit Delta Sigma ADC
logo
Microchip Technology
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com