Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3564-E/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP3564-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564-E/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP3564-E/ST Datasheet HTML 33Page - Microchip Technology MCP3564-E/ST Datasheet HTML 34Page - Microchip Technology MCP3564-E/ST Datasheet HTML 35Page - Microchip Technology MCP3564-E/ST Datasheet HTML 36Page - Microchip Technology MCP3564-E/ST Datasheet HTML 37Page - Microchip Technology MCP3564-E/ST Datasheet HTML 38Page - Microchip Technology MCP3564-E/ST Datasheet HTML 39Page - Microchip Technology MCP3564-E/ST Datasheet HTML 40Page - Microchip Technology MCP3564-E/ST Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 37
MCP3561/2/4
The default value of the bit stream after a Reset or a
power-up is ‘0011’; it is equivalent to a 0V input for the
ADC. After each ADC reset and restart (see
Section 5.15 “A/D Conversions’ Automatic Reset
and Restart Feature”), the bit stream output is also
reset and restarted, and the IRQ/MDAT is kept equal to
logic high during the two MCLK clock periods needed
for the synchronization. After these two clock periods,
the bit stream will be provided on the IRQ/MDAT pin
and the first value will be the default value.
FIGURE 5-3:
MDAT Serial Outputs
Depending on the Modulator Output Code.
5.4.3
BOOST MODES
The Delta-Sigma modulator includes a programmable
biasing circuit in order to further adjust the power
consumption to the sampling speed applied through
the MCLK. This can be programmed through the
BOOST[1:0] bits in the CONFIG2 register. The
different BOOST settings are applied to the entire
modulator circuit, including the voltage reference
buffers. The settings of the BOOST[1:0] bits are
described in Table 5-5.
The maximum achievable Analog Master Clock
(AMCLK) speed, the maximum sampling frequency
(DMCLK) and the maximum achievable data rate
(DRCLK) are highly dependent on the BOOST[1:0] and
GAIN[2:0] settings. A higher BOOST setting allows the
circuit’s bandwidth to be increased and allows a higher
analog master clock rate which will then increase the
baseband of the input signals to be converted. The
digital gain (which is enabled at 32x and 64x gains) has
no influence on the achievable bandwidth.
A typical dependency of the bandwidth depending on
the gain for each BOOST setting combination is shown
from Figure 2-20 to Figure 2-23. Typically, a larger gain
setting requires a higher BOOST setting in order to
achieve the same bandwidth performance.
Figure 2-24 shows the behavior of the achievable
bandwidth at BOOST = 1x with AVDD corner cases.
Since the BOOST settings vary, the internal slew rate
of the modulator components, using a lower VREF
value, will improve the bandwidth if low BOOST set-
tings are used and show a bandwidth behavior that is
too limited.
TABLE 5-4:
DELTA-SIGMA MODULATOR
OUTPUT BIT STREAM CODING
COMP[3:0]
Code
Modulator
Output Code
(Decimal)
MDAT
Serial
Stream
Equivalent
VREF
Voltage
1111
+2
1111
+VREF
0111
+1
0111
+VREF/2
0011
0
0011
0
0001
-1
0001
-VREF/2
0000
-2
0000
-VREF
AMCLK
tDOMDAT
MDAT
(code = +2)
MDAT
(code = +1)
MDAT
(code = 0)
MDAT
(code = -1)
MDAT
(code = -2)
COMP[3]
C OMP[2]
COMP[1]
C OMP[0]
tDOMDAT tDOMDAT tDOMDAT tDOMDAT
TABLE 5-5:
BOOST SETTINGS
DESCRIPTION
BOOST[1:0]
Bias Current
00
x0.5
01
x0.66
10
x1 (default)
11
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com