Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3564-E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3564-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564-E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3564-E/ST Datasheet HTML 6Page - Microchip Technology MCP3564-E/ST Datasheet HTML 7Page - Microchip Technology MCP3564-E/ST Datasheet HTML 8Page - Microchip Technology MCP3564-E/ST Datasheet HTML 9Page - Microchip Technology MCP3564-E/ST Datasheet HTML 10Page - Microchip Technology MCP3564-E/ST Datasheet HTML 11Page - Microchip Technology MCP3564-E/ST Datasheet HTML 12Page - Microchip Technology MCP3564-E/ST Datasheet HTML 13Page - Microchip Technology MCP3564-E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
MCP3561/2/4
DS20006181C-page 10
 2019-2021 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C,
AVDD = 2.7V to 3.6V, DVDD =1.8V to AVDD + 0.1V, DGND =AGND =0V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistance
Thermal Resistance, 20-Lead TSSOP
JA
—44—
°C/W
Thermal Resistance, 20-Lead UQFN
JA
—50—
°C/W
Note 1:
The internal Junction Temperature (TJ) must not exceed the absolute maximum specification of +150°C.
TABLE 1-1:
SPI SERIAL INTERFACE TIMING SPECIFICATIONS FOR DVDD = 2.7V TO 3.6V
Electrical Specifications: DVDD = 2.7V to 3.6V, TA = -40°C to +125°C, CLOAD =30pF. See Figure 1-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Serial Clock Frequency
fSCK
——
20
MHz
CS Setup Time
tCSS
25
ns
CS Hold Time
tCSH
50
ns
CS Disable Time
tCSD
50
ns
Data Setup Time
tSU
5—
ns
Data Hold Time
tHD
10
ns
Serial Clock High Time
tHI
20
ns
Serial Clock Low Time
tLO
20
ns
Serial Clock Delay Time
tCLD
50
ns
Serial Clock Enable Time
tCLE
50
ns
Output Valid from SCK Low
tDO
——
25
ns
Output Hold Time
tHO
0—
ns
Output Disable Time
tDIS
25
ns
Measured with a 1.5 mA
pull-up current source on SDO
pin
POR IRQ Disable Time
tCSIRQ
52
ns
Measured with a 1.5 mA
pull-up current source on IRQ
pin
Output Valid from CS Low
tCSSDO
25
ns
SDO toggles to logic low at
each communication start (CS
falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com