Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3464 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 19Page - Microchip Technology MCP3464 Datasheet HTML 20Page - Microchip Technology MCP3464 Datasheet HTML 21Page - Microchip Technology MCP3464 Datasheet HTML 22Page - Microchip Technology MCP3464 Datasheet HTML 23Page - Microchip Technology MCP3464 Datasheet HTML 24Page - Microchip Technology MCP3464 Datasheet HTML 25Page - Microchip Technology MCP3464 Datasheet HTML 26Page - Microchip Technology MCP3464 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 23
MCP3461/2/4
3.0
PIN DESCRIPTION
TABLE 3-1:
MCP3461/2/4 PIN FUNCTION TABLE
MCP3461 MCP3462 MCP3464 MCP3461 MCP3462 MCP3464
Symbol
Description
20-Lead UQFN
20-Lead TSSOP
1
3
REFIN-
Inverting Reference Input Pin
2
4
REFIN+
Noninverting Reference Input Pin
3
5
CH0
Analog Input 0 Pin
4
6
CH1
Analog Input 1 Pin
—
5
5
—
7
7
CH2
Analog Input 2 Pin
—
6
6
—
8
8
CH3
Analog Input 3 Pin
—
—
7
—
—
9
CH4
Analog Input 4 Pin
—
—
8
—
—
10
CH5
Analog Input 5 Pin
—
—
9
—
—
11
CH6
Analog Input 6 Pin
—
—
10
—
—
12
CH7
Analog Input 7 Pin
11
13
CS
Serial Interface Chip Select Digital Input Pin
12
14
SCK
Serial Interface Digital Clock Input Pin
13
15
SDI
Serial Interface Digital Data Input Pin
14
16
SDO
Serial Interface Digital Data Output Pin
15
17
IRQ/MDAT
Interrupt Output Pin or Modulator Output Pin
16
18
MCLK
Master Clock Input or Analog Master Clock
Output Pin
17
19
DGND
Digital Ground Pin
18
20
DVDD
Digital Supply Voltage Pin
19
1
AVDD
Analog Supply Voltage Pin
20
2
AGND
Analog Ground Pin
5, 6, 7, 8,
9, 10
7, 8, 9, 10
—
7, 8, 9,
10, 11, 12
9, 10, 11,
12
—
NC
Not Connected
21
—
—
—
EP
Exposed Thermal Pad, internally connected
to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com