Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3461RT-E/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3461RT-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461RT-E/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3461RT-E/ST Datasheet HTML 14Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 17Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 18Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 19Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 20Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 21Page - Microchip Technology MCP3461RT-E/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 18
 2020-2021 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V, TA = +25°C, MCLK = 4.9152 MHz, VIN = -0.5 dBFS
at 50 Hz, VREF = AVDD, ADC_MODE[1:0] = 11. All other registers are set to default value. Histogram ticks
are centered at their bin center.
FIGURE 2-19:
SINAD Distribution
Histogram.
FIGURE 2-20:
THD Distribution Histogram.
FIGURE 2-21:
SFDR Distribution
Histogram.
FIGURE 2-22:
SNR Distribution Histogram,
Internal VREF.
FIGURE 2-23:
SINAD Distribution
Histogram, Internal VREF.
FIGURE 2-24:
THD Distribution Histogram,
Internal VREF.
0
5
10
15
20
25
30
35
40
45
Signal-to-Noise-and-Distortion Ratio (dB)
33 devices x 3 lots
Bin Size: 0.05 dB
0
2
4
6
8
10
12
14
16
18
20
Total Harmonic Distortion (dBc)
33 devices x 3 lots
Bin Size: 0.5 dB
0
5
10
15
20
25
Spurious-Free Dynamic Range (dBc)
33 devices x 3 lots
Bin Size: 1.0 dB
0
5
10
15
20
25
30
35
40
Signal-to-Noise Ratio (dB)
33 devices x 3 lots
Bin Size: 0.05 dB
0
5
10
15
20
25
30
35
40
Signal-to-Noise-and-Distortion Ratio (dB)
33 devices x 3 lots
Bin Size: 0.05 dB
0
5
10
15
20
25
30
35
Total Harmonic Distortion (dBc)
33 devices x 3 lots
Bin Size: 0.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com