Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4FMAF Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # P4FMAF
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAF Datasheet(HTML) 5 Page - Rectron Semiconductor

  P4FMAF Datasheet HTML 1Page - Rectron Semiconductor P4FMAF Datasheet HTML 2Page - Rectron Semiconductor P4FMAF Datasheet HTML 3Page - Rectron Semiconductor P4FMAF Datasheet HTML 4Page - Rectron Semiconductor P4FMAF Datasheet HTML 5Page - Rectron Semiconductor P4FMAF Datasheet HTML 6Page - Rectron Semiconductor P4FMAF Datasheet HTML 7Page - Rectron Semiconductor P4FMAF Datasheet HTML 8Page - Rectron Semiconductor P4FMAF Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RECTRON
TRANSIENT VOLTAGE SUPPRESSORS
400W SERIES TVS DIODES / SMAF ( CASE 2 ) 400W
TYPE
Breakdown Voltage
VBR
(Volts)
MIN.
MAX.
@IT
(mA)
Reverse
Stand off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage
at VWM
ID(uA)
Maximum
Peak Pulse
Current
IPPM
(Amps)
Maximum
Clamping
Voltage
at IPPM
VC (Volts)
P4FMAF62
P4FMAF62A
P4FMAF68
P4FMAF68A
P4FMAF75
P4FMAF75A
P4FMAF82
P4FMAF82A
P4FMAF91
P4FMAF91A
P4FMAF100
P4FMAF100A
P4FMAF110
P4FMAF110A
P4FMAF120
P4FMAF120A
P4FMAF130
P4FMAF130A
P4FMAF150
P4FMAF150A
P4FMAF160
P4FMAF160A
P4FMAF170
P4FMAF170A
P4FMAF180
P4FMAF180A
P4FMAF200
P4FMAF200A
P4FMAF220
P4FMAF220A
P4FMAF250
P4FMAF250A
P4FMAF300
P4FMAF300A
P4FMAF350
P4FMAF350A
P4FMAF400
P4FMAF400A
55.8
68.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50.2
5.0
4.7
89.0
85.0
5.0
5.0
53.0
65.1
58.9
61.2
74.8
55.1
5.0
4.2
98.0
64.6
71.4
58.1
5.0
4.5
92.0
67.5
82.5
60.7
5.0
3.8
108
71.3
78.8
64.1
5.0
4.0
103
73.8
90.2
66.4
5.0
3.5
118
77.9
86.1
70.1
5.0
3.7
113
81.9
100
73.7
5.0
3.2
131
86.5
95.5
77.8
5.0
3.3
125
90.0
110
81.0
5.0
2.1
144
95.0
105
85.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
1.0
1.0
5.0
5.0
2.2
137
99.0
121
89.2
1.9
158
105
116
94.0
2.0
152
108
132
97.2
1.7
173
114
126
102
1.8
165
117
143
105
1.6
187
124
137
111
1.7
179
135
165
121
1.4
215
143
158
128
1.4
207
144
176
130
1.3
230
152
168
136
1.4
219
153
187
138
1.2
244
162
179
145
1.3
234
162
198
146
1.2
258
171
189
154
1.2
246
180
220
162
1.0
287
190
210
171
1.1
274
198
242
175
0.9
344
209
231
185
0.9
328
225
275
202
0.83
360
237
263
214
0.87
344
270
330
243
0.70
430
285
315
256
0.73
414
315
385
284
0.60
504
332
368
300
0.62
482
360
440
324
0.53
574
380
420
342
0.55
548
Notes :
1. VBR measured after IT applied for 300ms. IT = square pulse or equivalent.
2. For bidirectional use C or CA suffixs for all types (ex. P4FMAF6.8C,P4FMAF400CA)
electrical characteristics apply in both directions.
3. For bidirectional types having VWM of 10 volts and less, the ID Iimit is doubled.
4. Mark" " reverse power rating are 300w



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com