Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4FMAF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # P4FMAF
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAF Datasheet(HTML) 1 Page - Rectron Semiconductor

  P4FMAF Datasheet HTML 1Page - Rectron Semiconductor P4FMAF Datasheet HTML 2Page - Rectron Semiconductor P4FMAF Datasheet HTML 3Page - Rectron Semiconductor P4FMAF Datasheet HTML 4Page - Rectron Semiconductor P4FMAF Datasheet HTML 5Page - Rectron Semiconductor P4FMAF Datasheet HTML 6Page - Rectron Semiconductor P4FMAF Datasheet HTML 7Page - Rectron Semiconductor P4FMAF Datasheet HTML 8Page - Rectron Semiconductor P4FMAF Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SURFACE MOUNT GPP
TRANSIENT VOLTAGE SUPPRESSOR
400 WATT PEAK POWER 1.0 WATTS STEADY STATE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
P4FMAF
SERIES
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
FEATURES
* Plastic package has underwriters laboratory
* Glass passivated chip construction
*400 watt surage capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time
RATINGS
Steady State Power Dissipation at TL = 75
O
C lead length
Peak Forward Surge Current, 8.3ms single half sine wave-
superimmposed on rated load ( JEDEC METHOD ) (Note 2)
Maximum Instantaneous Forward Voltage @25A for unidirectional
only
SYMBOL
PM(AV)
IFSM
VF
TJ, TSTG
V
-55 to + 150
0 C
UNITS
( Note 4 )
A
Peak Power Dissipation at TA = 25
OC,TP = 1mS (Note 1)
Minimum 400
1.0
SEE TABLE 1
40
3.5/6.5
W
VALUE
Operating and Storage Temperature Range
PPPM
W
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
2017-04
REV: A
NOTES :
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2. Measured on 8.3mS single half Sine-Wave or equivalent wave, duty cycle = 4 pulses per minute maximum.
Peak Pulse Current with a 10/1000uS waveform
( Note 1, Fig.3 )
IPPM
A
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
4. VF = 3.5V max. for devices of V(BR) < 200V and VF = 6.5V max. for devices of V(BR) > 200V.
I
2t
6.64
A
2/Sec
Typical Current Squarad Time
SMAF
Dimensions in millimeters and (inches)
2.8
2.4
0.110
0.094
0.15
0.11
0.006
0
0.004
3
.
1
0.028
.
(
(
)
)
(
(
)
)
(
(
)
)
0.051
0.7
1
.
1
0.035
.
(
(
)
)
0.043
0.9


Similar Part No. - P4FMAF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAJ RECTRON-P4FMAJ Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ RECTRON-P4FMAJ Datasheet
123Kb / 6P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
P4FMAJ10 RECTRON-P4FMAJ10 Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ10 RECTRON-P4FMAJ10 Datasheet
123Kb / 6P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
P4FMAJ10 RECTRON-P4FMAJ10 Datasheet
181Kb / 9P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4FMAF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
15KE RECTRON-15KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR
5KP RECTRON-5KP Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
WILLAS ELECTRONIC CORP
SMBJ WILLAS-SMBJ Datasheet
648Kb / 5P
600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3KPSMC64B RECTRON-3KPSMC64B Datasheet
242Kb / 7P
GPP TRANSIENT VOLTAGE SUPPRESSOR
5KP130A RECTRON-5KP130A Datasheet
96Kb / 6P
GPP TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJXX RECTRON-P4SMAJXX Datasheet
181Kb / 9P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com