Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
7 Detailed Description
7.1 Overview
The OPAx992 family (OPA992, OPA2992, and OPA4992) is a family of high voltage (40-V) general purpose
operational amplifiers.
These devices offer excellent DC precision and AC performance, including rail-to-rail input/output, low offset
(±200 µV, typ), and low offset drift (±0.5 µV/°C, typ).
Unique features such as differential and common-mode input voltage range to the supply rail, high short-circuit
current (±80 mA), high slew rate (35 V/µs), and shutdown make the OPAx992 an extremely flexible, robust, and
high-performance operational amplifier for high-voltage industrial applications.
7.2 Functional Block Diagram
+
–
–
+
40-V
Differential
MUX-Friendly
Front End
Slew
Boost
IN+
IN-
OUT
NCH Input
Stage
PCH Input
Stage
Output
Stage
Shutdown
Circuitry
–
+
Gain
Stage
Power-On
Reset
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com