Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
_
_
SHUNT
MAX
SHUNT
LOAD
MAX
V
100mV
R
100m
I
1A
:
(2)
Using Equation 2, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the OPA992 to produce an output voltage of 0 V to 4.9 V. The gain needed by the OPA991 to
produce the necessary output voltage is calculated using Equation 3:
_
_
_
_
OUT
MAX
OUT
MIN
IN
MAX
IN
MIN
V
V
Gain
V
V
(3)
Using Equation 3, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 4
is used to size the resistors, RF and RG, to set the gain of the OPA992 to 49 V/V.
F
G
R
Gain
1
R
(4)
Choosing RF as 5.76 kΩ, RG is calculated to be 120 Ω. RF and RG were chosen as 5.76 kΩ and 120 Ω because
they are standard value resistors that create a 49:1 ratio. Other resistors that create a 49:1 ratio can also be
used. However, excessively large resistors will generate thermal noise that exceeds the intrinsic noise of the op
amp. Figure 8-2 shows the measured transfer function of the circuit shown in Figure 8-1.
8.2.1.3 Application Curve
ILOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
Figure 8-2. Low-Side, Current-Sense, Transfer Function
8.2.2 High Voltage Buffered Multiplexer
The OPAx992S shutdown devices can be configured to create a high voltage, buffered multiplexer. Outputs can
be connected together on a common bus and the shutdown pins can be used to select the desired channel to
pass through. Since the amplifier circuitry has been designed such that disable transitions occur significantly
faster than enable transitions, the amplifier naturally exhibits a "break before make" switch topology. Amplifier
outputs enter a high impedance state when placed in shutdown, so there is no risk of bus contention when
connecting multiple channel outputs together. Additionally, because outputs are isolated from inputs, there is no
concern about the impedance at the input of each channel interacting undesirably with the impedance at the
output, like an amplifier gain stage or ADC driver circuit. Also, because this topology uses amplifiers instead of
MOSFET switches, other common issues with multiplexers such as charge injection or signal error due to RON
effects are eliminated.
Figure 8-3 shows an example topology for a basic 2:1 multiplexer. When SEL is low, channel 1 is selected and
active; when SEL is high, channel 2 is selected and active. For more information on how to use the OPAx992S
shutdown function, see the shutdown section in Section 6.7.
OPA992, OPA2992, OPA4992
SBOSA10 – JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com