Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6D-YV2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6D-YV2
Description  Remote I/O R6 Series DC VOLTAGE OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6D-YV2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6D-YV2 Datasheet HTML 1Page - M-System Co.,Ltd. R6D-YV2 Datasheet HTML 2Page - M-System Co.,Ltd. R6D-YV2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6D-YV2
R6D-YV2 SPECIFICATIONS
ES-7781-AF Rev.0 Page 1/3
http://www.m-system.co.jp/
Remote I/O R6 Series
DC VOLTAGE OUTPUT MODULE
(2 points, Euro terminal)
Functions & Features
• 2 channels for DC voltage output, compact size remote I/O
module
• Output range adjustment with DIP switch or PC
configurator
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6D–YV2[1]
ORDERING INFORMATION
• Code number: R6D-YV2[1]
Specify a code from below for [1].
(e.g. R6D-YV2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R6CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6D-BS)
Output: Euro terminal block (torque 0.3 N·m)
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8
mm)
Internal power: Via the Installation Base (model: R6D-BS)
Housing material: Flame-resistant resin (black)
Isolation: Output 1 to output 2 to internal bus or internal
power
Zero adjustments: PC programming
Span adjustments: PC programming
Output range: Selectable with the side DIP SW or PC
programming
Module address: Selectable with DIP and rotary switches on
the side
Output at the loss of communication: Selectable with the
side DIP SW
Configuration mode: With DIP switches on the side panel
Power indicator: Green LED; Refer to the istruction manual
for details.
Status indicator: Bi-color (red/green) LED;
Refer to the instruction manual for details.
OUTPUT SPECIFICATIONS
Overrange output: -11.5 – +11.5 V DC or -15 to +115 %
■ Narrow Span: -1 – +1 V, 0 – 1 V, -0.5 – +0.5 V DC
Load resistance: 10 kΩ min.
■ Wide Span: -10 – +10 V, -5 – +5 V,
0 – 10 V, 0 – 5 V, 1 – 5 V DC
Load resistance: 10 kΩ min.
INSTALLATION
Current consumption: 25 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6D-BS)
Weight: 60 g (2.1 oz)
PERFORMANCE
Conversion accuracy: ±0.1 %
Data range: 0 – 10000 of the output range
Data allocation: 2
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F)
Response time: ≤ 0.25 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (output 1 to
output 2 to internal bus or internal power to ground)


Similar Part No. - R6D-YV2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-YS2 MSYSTEM-R6D-YS2 Datasheet
122Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
More results

Similar Description - R6D-YV2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-YS2 MSYSTEM-R6D-YS2 Datasheet
122Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
R6D-SV2 MSYSTEM-R6D-SV2 Datasheet
116Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6D-SS2 MSYSTEM-R6D-SS2 Datasheet
117Kb / 3P
Remote I/O R6 Series DC CURRENT INPUT MODULE
R6N-SS2 MSYSTEM-R6N-SS2 Datasheet
130Kb / 3P
Remote I/O R6 Series DC CURRENT INPUT MODULE
R6N-SV2 MSYSTEM-R6N-SV2 Datasheet
129Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6N-YS2 MSYSTEM-R6N-YS2 Datasheet
135Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
R6N-YV2 MSYSTEM-R6N-YV2 Datasheet
130Kb / 3P
Remote I/O R6 Series DC VOLTAGE OUTPUT MODULE
R6S-YS2 MSYSTEM-R6S-YS2 Datasheet
149Kb / 3P
Remote I/O R6 Series DC CURRENT OUTPUT MODULE
R6S-SV2 MSYSTEM-R6S-SV2 Datasheet
144Kb / 3P
Remote I/O R6 Series DC VOLTAGE INPUT MODULE
R6S-SS2 MSYSTEM-R6S-SS2 Datasheet
145Kb / 3P
Remote I/O R6 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com