Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6D-YV2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R6D-YV2
Description  Remote I/O R6 Series DC VOLTAGE OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6D-YV2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R6D-YV2 Datasheet HTML 1Page - M-System Co.,Ltd. R6D-YV2 Datasheet HTML 2Page - M-System Co.,Ltd. R6D-YV2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R6D-YV2
R6D-YV2 SPECIFICATIONS
ES-7781-AF Rev.0 Page 2/3
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
FUNCTIONS
■ OUTPUT HOLD
The output function in case of a loss of communication is
selectable with the side DIP SW: Reset the output (to -15 %
or -11.5 V), Hold the output (last normally received data) or
Fix the output at a specific value (PC programming).
The output is held at -11.5 V or -15 % of the output range
until normal data is received at the startup.
EXTERNAL VIEW
8
7
A
9
• Front View (cover opened)
• Side View
5
6
7
8
1
2
3
4
Module Address
Setting
Operating Mode
Setting
Status LED
Power LED
Refer to the instruction manual for setting procedures.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com