Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA/SMA0204VG06 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MBA/SMA0204VG06
Description  Leaded Metal Film Resistors with Established Reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA/SMA0204VG06 Datasheet(HTML) 7 Page - Vishay Siliconix

  MBA/SMA0204VG06 Datasheet HTML 1Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 2Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 3Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 4Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 5Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 6Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 7Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 8Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414
www.vishay.com
Vishay Beyschlag
Revision: 27-Feb-2019
7
Document Number: 28768
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Further information on the performance of these products is given in the following datasheets:
• “Professional Leaded Metal Film Resistors” (www.vishay.com/doc?28766) for products ± 50 ppm/K; ± 1 % and 0
 jumper
• “Precision Leaded Metal Film Resistors” (www.vishay.com/doc?28767) for products ± 15 ppm/K; ± 0.1 %
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following specifications:
EN 60115-1, generic specification
EN 140100 (successor of EN 140400), sectional specification
EN 140101-806, detail specification
For further information on the tests and requirements of these products please refer to the specifications mentioned above, and
to the following datasheets:
• “Professional Leaded Metal Film Resistors” (www.vishay.com/doc?28766) for products ± 50 ppm/K; ± 1 % and 0
 jumper
• “Precision Leaded Metal Film Resistors” (www.vishay.com/doc?28767) for products ± 15 ppm/K; ± 0.1 %
DIMENSIONS
Notes
• Color code marking is applied according to IEC 60062 (1) in five bands. Each color band appears as a single solid line, voids are permissible
if at least 2/3 of the band is visible from each radial angle of view. The last color band for tolerance is approximately 50 % wider than the
other bands. Zero ohm jumpers are marked with one centered black color band. An interrupted violet band between the 1st and 2nd full band
indicates the failure rate level E7. An interrupted orange band between the 4th and 5th full band indicates the temperature coefficient of
15 ppm/K
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
DIMENSIONS AND MASS
TYPE
Dmax.
(mm)
Lmax.
(mm)
Imin.
(mm)
dnom.
(mm)
Mmin.
(mm)
MASS
(mg)
MBA/SMA 0204 VG06
1.6
3.6
29
0.5
5.0
125
MBB/SMA 0207 VG06
2.5
6.3
28
0.6
10
220
MBE/SMA 0414 VG06
4.0
11.9
31
0.8
15
700
10
100
1K
10K
100K
1M
120
Resistance Value
R
dB
100
80
60
10M
Ω
MBE/SMA 0414 VG06
MBB/SMA 0207 VG06
MBA/SMA 0204 VG06
In accordance with IEC 60440
Non-Linearity - Third Harmonic Ratio A3
M
I
L
d
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com