Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA/SMA0204VG06 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MBA/SMA0204VG06
Description  Leaded Metal Film Resistors with Established Reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA/SMA0204VG06 Datasheet(HTML) 8 Page - Vishay Siliconix

  MBA/SMA0204VG06 Datasheet HTML 1Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 2Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 3Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 4Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 5Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 6Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 7Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 8Page - Vishay Siliconix MBA/SMA0204VG06 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414
www.vishay.com
Vishay Beyschlag
Revision: 27-Feb-2019
8
Document Number: 28768
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicate the resistance value
- The last digit indicated the resistance decade in
accordance with the resistance decade table
Historical 12NC
The 12NC of a MBB 0207 VG06 resistor, resistance 352K,
TCR 15, ± 0.1 % tolerance, supplied taped and fan-folded in
a box of 5000 units was: 2312 917 03524.
Note
• The 12NC coding had been established for the series of MBA 0204 VG06, MBB 0207 VG06 and MBE 0414 VG06 products. These products
are succeeded and replaced by the new series of MBA/SMA 0204 VG06, MBB/SMA 0207 VG06 and MBE/SMA 0414 VG06 products, for
which the 12NC coding is no longer applicable
RESISTANCE DECADE
LAST DIGIT
1 
 to 9.99 
8
10 
 to 99.9 
9
100 
 to 999 
1
1 k
 to 9.99 k
2
10 k
 to 99.9 k
3
100 k
 to 999 k
4
1 M
 to 9.99 M
5
10 M
 to 99.9 M
6
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312 ... .....
TAPED, FAN-FOLDED IN A BOX
TYPE
TCR
TOL.
C1
1000 PIECES
CT
5000 PIECES
MBA 0204 VG06
± 50 ppm/K
± 1 %
900 0....
905 0....
± 15 ppm/K
± 0.1 %
902 0....
907 0....
Jumper
902 90001
907 90001
MBB 0207 VG06
± 50 ppm/K
± 1 %
910 0....
915 0....
± 15 ppm/K
± 0.1 %
912 0....
917 0....
Jumper
912 90001
917 90001
MBE 0414 VG06
± 50 ppm/K
± 1 %
920 0....
-
± 15 ppm/K
± 0.1 %
922 0....



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com