Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1H004B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1H004B
Description  40V Complementary Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1H004B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1H004B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE1H004B
40V Complementary Enhancement Mode MOSFET
VER 1.2
1
Description
used in inverter
other applications
Features
N-Channel
VDS= 40V
ID=7.7A
RDS(ON)
VGS= 10V, TYP 15
mΩ
VGS= 4.5V, TYP 18.6
mΩ
P-Channel
VDS= -40V
ID=-5.7A
RDS(ON)
VGS= -10V, TYP 36
mΩ
VGS= -4.5V, TYP 51
mΩ
Absolute Maximum Ratings
Parameter
Symbol
N-Ratings
P-Ratings
Unit
Drain-Source Voltage
VDSS
40
-40
V
Gate-Source Voltage
VGSS
±20
±20
V
Drain Current
(Continuous) *AC
TA=25°C
ID
7.7
-5.7
A
TA=70°C
6.1
-4.6
Drain Current (Pulse) *B
IDM
20
-20
A
Power Dissipation
TA=25°C
PD
2
W
Operating Temperature/ Storage Temperature
TJ/TSTG
-55~150
-55~150
°C
Note :
a.The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
b. Repetitive rating, pulse width limited by junction temperature.
c. The current rating is based on the t≤ 10s junction to ambient thermal resistance rating
Thermal Resistance Ratings
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
Steady State
R
thJA
62.5
°C/W


Similar Part No. - ACE1H004B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE100 ETC2-ACE100 Datasheet
201Kb / 4P
Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ACE100 RHOPOINT-ACE100 Datasheet
209Kb / 4P
Evaluation Kit For ADC100 Series A/D Converters
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001E FAIRCHILD-ACE1001E Datasheet
510Kb / 32P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001EM8 FAIRCHILD-ACE1001EM8 Datasheet
510Kb / 32P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE1H004B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
NOVEMBER 2004
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 2
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
NOVEMBER 2004
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4050SSDQ DIODES-DMC4050SSDQ Datasheet
450Kb / 12P
40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com