Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE12H016B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE12H016B
Description  20V Complementary Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE12H016B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE12H016B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE12H016B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE12H016B Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE12H016B
20V Complementary Enhancement Mode Power MOSFET
VER 1.1
1
Description
⚫
load switch
⚫
battery protection applications
Features
N-Channel
⚫
VDS= 20V
⚫
ID=4.2A
⚫
RDS(ON)
⚫
VGS= 4.5V, TYP 29mΩ
⚫
VGS= 2.5V, TYP 36mΩ
P-Channel
⚫
VDS= -20V
⚫
ID=-2.6A
⚫
RDS(ON)
⚫
VGS= -4.5V, TYP 83mΩ
⚫
VGS= -2.5V, TYP 107mΩ
Absolute Maximum Ratings @TA=25℃ unless otherwise noted
Parameter
Symbol
N-Ratings
P-Ratings
Unit
Drain-Source Voltage
VDSS
20
-20
V
Gate-Source Voltage
VGSS
±12
±12
V
Drain Current
(Continuous) *AC
TA=25°C
ID
4.3
-2.6
A
TA=70°C
3.4
-2.1
Drain Current (Pulse) *B
IDM
13
-13
A
Power Dissipation
TA=25°C
PD
1.1
W
Operating Temperature/ Storage Temperature
TJ/TSTG
-55~150
-55~150
°C
Note :
A.
The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B.
Repetitive rating, pulse width limited by junction temperature.
C.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating
Thermal Resistance Ratings
Parameter
Symbol
Typical
Maximum
Units
Maximum Junction-to-Ambient
t
≤ 10s
RthJA
78
110
°C/W


Similar Part No. - ACE12H016B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE12008A ACE-ACE12008A Datasheet
232Kb / 3P
N&P Pair Enhancement Mode MOSFET
VER 1.1
ACE12008AKG+H ACE-ACE12008AKG+H Datasheet
232Kb / 3P
N&P Pair Enhancement Mode MOSFET
VER 1.1
logo
Fairchild Semiconductor
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE12H016B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2020USD DIODES-DMC2020USD Datasheet
306Kb / 11P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS32121 Rev. 3 - 2
DMC2700UDM DIODES-DMC2700UDM Datasheet
150Kb / 9P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC2020USD DIODES-DMC2020USD_15 Datasheet
308Kb / 11P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 4
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
Pan Jit International I...
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
20V Complementary Enhancement Mode MOSFET
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
20V Complementary Enhancement Mode MOSFET
logo
Diodes Incorporated
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC2710UVT DIODES-DMC2710UVT Datasheet
677Kb / 10P
20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
May 2021
logo
Pan Jit International I...
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com