Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA160GFMLTH Datasheet(PDF) 32 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 32 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
32
Erase Security Registers (44H)
The ACE25AA160G provides four 256-byte Security Registers which only erased all at once but able to
program individually. These registers may be used by the system manufacturers to store security and
other important information separately from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low→sending Erase Security Registers
Command→CS# goes high. The command sequence is shown in Figure 27. CS# must be driven high
after the eighth bit of the command code has been latched in, otherwise the Erase Security Registers
command is not executed. As soon as CS# is driven high, the self-timed Erase Security Registers cycle
(whose duration is tSE) is initiated. While the Erase Security Registers cycle is in progress, the Status
Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP)
bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Security
Registers Lock Bit (LB) in the Status Register can be used to OTP protect the security registers. Once the
LB bit is set to 1, the Security Registers will be permanently locked; the Erase Security Registers
command will be ignored.
Address
A23-A16
A15-A10
A9-A0
Security Registers
00000000
000000
Don’t Care
Figure27. Erase Security Registers command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com