Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AA160GFMLTH Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

Part # ACE25AA160GFMLTH
Description  Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA160GFMLTH Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25AA160GFMLTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25AA160GFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
ACE25AA160G
Serial NOR Flash Memory 3.0V Multi I/O with 4KB,32KB & 64KB Sector/Block Erase
VER 1.2
36
Electrical Characteristics
Power-On Timing
Table3. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min
Max
Unit
t
VSL
VCC(min) To CS# Low
10
us
t
PUW
Time Delay Before Write Instruction
1
10
ms
V
WI
Write Inhibit Voltage
1
2.5
V
Initial Delivery State
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH).The
Status Register contains 00H (all Status Register bits are 0).
Data Retention and Endurance
Parameter
Typical
Unit
Minimum Pattern Data Retention Time
20
Years
Erase/Program Endurance
100K
Cycles
Latch up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com